Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1463 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1463
Description  Integrated Circuit AF Power Amp for Tape Recorder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1463 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1463 Datasheet HTML 1Page - NTE Electronics NTE1463 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1463
Integrated Circuit
AF Power Amp for Tape Recorder
Features:
D AF Output Power: 2.7W/3.2Ω, or 2.3W/4Ω
D Small op Noise by Muting CRT
D High Ripple Reduction
D Good Supply Voltage Characteristics
D No Switching Distortion at High Frequency
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
Quiescent
13V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating
11V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Distortion, PDmax(1)
1.2W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Distortion (Note 1), PDmax(2)
2.25W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current at Pin 11 (RL ≥ 330Ω), I11
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
−20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. 50 x 50 x 1.5mm3 printed board used.
Recommended Operating Characteristics: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
9V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Load Resistance, RL
3.2 to 8.0
Ω
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 9V, RL = 3.2Ω, f = 1kHz, Rg = 600Ω unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCO
15
25
mA
Voltage Gain
VG(1)
Open Loop
68
dB
VG(2)
Closed Loop
42
45
48
dB
Output Power
PO
RL = 3.2Ω, THD = 10%
2.1
2.7
W
RL = 4Ω, THD = 10%
1.7
2.3
W
Input Resistance
ri
12
20
k
Ω
Total Harmonic Distortion
THD
PO = 300mW
2.0
%
Output Noise Voltage
VNO(1)
Rg = 10kΩ
2.5
mV
VNO(2)
Rg = 0Ω
0.8
mV


Similar Part No. - NTE1463

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1461 NTE-NTE1461 Datasheet
74Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Demod
NTE1462 NTE-NTE1462 Datasheet
67Kb / 1P
   Integrated Circuit Audio Preamp
NTE1465 NTE-NTE1465 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amplifier, 500mW
NTE1466 NTE-NTE1466 Datasheet
20Kb / 2P
   Integrated Circuit Preamp w/ALC Transistors
NTE1468 NTE-NTE1468 Datasheet
21Kb / 2P
   Integrated Circuit Audio, Low Power Output Amplifier
More results

Similar Description - NTE1463

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1016 NTE-NTE1016 Datasheet
15Kb / 1P
   Integrated Circuit AF Small-Signal Amplifier for Tape Recorder
logo
Sanyo Semicon Device
LA4190 SANYO-LA4190 Datasheet
49Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
LA4126 SANYO-LA4126 Datasheet
143Kb / 1P
   2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
LA4180 SANYO-LA4180 Datasheet
56Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
LA4125 SANYO-LA4125 Datasheet
85Kb / 1P
   2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
LA4557 SANYO-LA4557 Datasheet
273Kb / 8P
   2-Channel AF Power Amp for Radio, Tape Recorder Use
LA4550 SANYO-LA4550 Datasheet
284Kb / 9P
   2-Channel AF Power Amp for Radio, Tape Recorder Use
logo
NTE Electronics
NTE1043 NTE-NTE1043 Datasheet
19Kb / 2P
   Integrated Circuit Audio Amplifier for Tape Recorder
NTE1651 NTE-NTE1651 Datasheet
24Kb / 3P
   Integrated Circuit Dual Preamp for Tape Recorder
NTE1472 NTE-NTE1472 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1W for Tape Recorder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com