Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W400DB70ZA6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M29W400DB70ZA6
Description  4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DB70ZA6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M29W400DB70ZA6 Datasheet HTML 6Page - STMicroelectronics M29W400DB70ZA6 Datasheet HTML 7Page - STMicroelectronics M29W400DB70ZA6 Datasheet HTML 8Page - STMicroelectronics M29W400DB70ZA6 Datasheet HTML 9Page - STMicroelectronics M29W400DB70ZA6 Datasheet HTML 10Page - STMicroelectronics M29W400DB70ZA6 Datasheet HTML 11Page - STMicroelectronics M29W400DB70ZA6 Datasheet HTML 12Page - STMicroelectronics M29W400DB70ZA6 Datasheet HTML 13Page - STMicroelectronics M29W400DB70ZA6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Description
M29W400DT, M29W400DB
10/48
Figure 4.
TFBGA connections (top view through package)
1.
NC = Not connected.
AI06856
B
A
4
3
2
1
G
F
H
DQ15
A–1
A7
A3
DQ10
DQ8
E
DQ13
DQ11
DQ9
G
VSS
DQ6
DQ1
VSS
DQ14
A12
NC
A17
A4
A14
A10
NC
NC
A6
A2
RP
A8
DQ4
DQ3
VCC
DQ12
A9
BYTE
A15
A11
NC
A1
A16
DQ7
DQ5
DQ2
A0
NC
DQ0
A5
E
D
C
RB
W
A13
6
5


Similar Part No. - M29W400DB70ZA6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DB70ZA6 STMICROELECTRONICS-M29W400DB70ZA6 Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W400DB70ZA6 NUMONYX-M29W400DB70ZA6 Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DB70ZA6E STMICROELECTRONICS-M29W400DB70ZA6E Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W400DB70ZA6E NUMONYX-M29W400DB70ZA6E Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DB70ZA6F STMICROELECTRONICS-M29W400DB70ZA6F Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W400DB70ZA6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
   4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
logo
Sharp Corporation
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com