Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7535 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN7535
Description  PFC & Ballast Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7535 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN7535 Datasheet HTML 3Page - Fairchild Semiconductor FAN7535 Datasheet HTML 4Page - Fairchild Semiconductor FAN7535 Datasheet HTML 5Page - Fairchild Semiconductor FAN7535 Datasheet HTML 6Page - Fairchild Semiconductor FAN7535 Datasheet HTML 7Page - Fairchild Semiconductor FAN7535 Datasheet HTML 8Page - Fairchild Semiconductor FAN7535 Datasheet HTML 9Page - Fairchild Semiconductor FAN7535 Datasheet HTML 10Page - Fairchild Semiconductor FAN7535 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7535 Rev. 1.0.0
7
Electrical Characteristics (Continued)
VDDP = 14V, TA = 25°C, unless otherwise specified.
Note:
3. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
ZERO CURRENT DETECT SECTION
Vth(ZCD)
(3)
Input Voltage Threshold
1.35
1.50
1.65
V
HY(ZCD)
(3)
Detect Hysteresis
0.05
0.10
0.15
Vclamp(h)
Input High Clamp Voltage
IDET = 3mA
6.0
6.7
7.4
Vclamp(l)
Input Low Clamp Voltage
IDET = -3mA
0
0.65
1.00
Ib(ZCD)
Input Bias Current
1V
≤ V
ZCD ≤ 5V
-1.0
-0.1
1.0
mA
Isource(ZCD)
(3) Source Current Capability
TA = 25°C
-10
mA
Isink(ZCD)
(3)
Sink Current Capability
TA = 25°C
10
TDEAD
(3)
Maximum Delay, ZCD to Output Turn-on
100
200
OUTPUT SECTION
Voh
Output Voltage High
IO = -100mA, TA = 25°C
9.2
11.0
12.8
V
Vol
Output Voltage Low
IO = 100mA, TA = 25°C
1.0
2.5
Tr
(3)
Rising Time
CI = 1nF
50
100
ns
Tf
(3)
Falling Time
CI = 1nF
50
100
VO(MAX)
Maximum Output Voltage
VDDP = 20V, IO = 100mA
11.5
13.0
14.5
V
VO(UVLO)
Output Voltage with UVLO Activated
VDDP = 5V, IO = 100mA
1
RESTART TIMER SECTION
td(rst)
Restart Time Delay
50
150
300
ms
OVER-VOLTAGE PROTECTION SECTION
VOVP
OVP Threshold Voltage
TA = 25°C
2.620
2.675
2.730
V
HY(OVP)
OVP Hysteresis
TA = 25°C
0.120
0.175
0.230
ENABLE SECTION
Vth(en)
Enable Threshold Voltage
0.40
0.45
0.50
V
HY(en)
Enable Hysteresis
0.05
0.10
0.15


Similar Part No. - FAN7535

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
FAN7530 FAIRCHILD-FAN7530 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN7530M FAIRCHILD-FAN7530M Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7535

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com