Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI150UB-120 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2MBI150UB-120
Description  IGBT Module U-Series 1200V / 150A 2 in one-package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2MBI150UB-120 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2MBI150UB-120 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2MBI150UB-120 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2MBI150UB-120 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2MBI150UB-120 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2MBI150UB-120
IGBT Module
Switching loss vs. Collector current (typ.)
Vcc=600V, VGE=±15V, Rg=4.7Ω
Switching loss vs. Gate resistance (typ.)
+VGE=15V,-VGE <= 15V, RG >= 4.7Ω ,Tj <= 125°C
Switching time vs. Collector current (typ.)
Vcc=600V, VGE=±15V, Rg=4.7Ω, Tj= 25°C
Vcc=600V, Ic=150A, VGE=±15V, Tj= 25°C
Switching time vs. Collector current (typ.)
Vcc=600V, VGE=±15V, Rg=4.7Ω, Tj=125°C
Switching time vs. Gate resistance (typ.)
Vcc=600V, Ic=150A, VGE=±15V, Tj= 125°C
Reverse bias safe operating area (max.)
10
100
1000
10000
0
100
200
300
Collector current : Ic [ A ]
ton
toff
tr
tf
10
100
1000
10000
0
100
200
300
Collector current : Ic [ A ]
toff
ton
tr
tf
10
100
1000
10000
1.0
10.0
100.0
Gate resistance : Rg [ Ω ]
tr
tf
toff
ton
0
5
10
15
20
25
30
0
100
200
300
Collector current : Ic [ A ]
Eon(125°C)
Eon(25°C)
Eoff(125°C)
Err(125°C)
Err(25°C)
Eoff(25°C)
0
50
100
150
1.0
10.0
100.0
Gate resistance : Rg [ Ω ]
Eoff
Err
Eon
0
100
200
300
400
0
400
800
1200
Collector - Emitter voltage : VCE [ V ]


Similar Part No. - 2MBI150UB-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI150U2A-060 FUJI-2MBI150U2A-060 Datasheet
103Kb / 4P
   IGBT Module U-Series 600V / 150A 2 in one-package
2MBI150U4A-120 FUJI-2MBI150U4A-120 Datasheet
419Kb / 13P
   IGBT MODULE
2MBI150U4B-120 FUJI-2MBI150U4B-120 Datasheet
420Kb / 13P
   IGBT MODULE
2MBI150U4H-120 FUJI-2MBI150U4H-120 Datasheet
373Kb / 5P
   IGBT Modules
2MBI150U4H-170 FUJI-2MBI150U4H-170 Datasheet
439Kb / 13P
   IGBT MODULE
More results

Similar Description - 2MBI150UB-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2MBI150UA-120 ETC2-2MBI150UA-120 Datasheet
104Kb / 4P
   IGBT Module U-Series 1200V / 150A 2 in one-package
3MBI150UC-120 ETC2-3MBI150UC-120 Datasheet
128Kb / 5P
   IGBT Module U-Series 1200V / 150A 3 in one-package
3MBI150U-120 ETC2-3MBI150U-120 Datasheet
118Kb / 5P
   IGBT Module U-Series 1200V / 150A 3 in one-package
logo
Fuji Electric
2MBI150VA-120-50 FUJI-2MBI150VA-120-50 Datasheet
478Kb / 6P
   IGBT MODULE (V series) 1200V / 150A / 2 in one package
2MBI150VB-120-50 FUJI-2MBI150VB-120-50 Datasheet
419Kb / 6P
   IGBT MODULE (V series) 1200V / 150A / 2 in one package
2MBI150U2A-060 FUJI-2MBI150U2A-060 Datasheet
103Kb / 4P
   IGBT Module U-Series 600V / 150A 2 in one-package
2MBI150HH-120-50 FUJI-2MBI150HH-120-50 Datasheet
558Kb / 6P
   HIGH SPEED IGBT MODULE 1200V / 150A / 2 in one package
logo
List of Unclassifed Man...
2MBI300UC-120 ETC2-2MBI300UC-120 Datasheet
108Kb / 4P
   IGBT Module U-Series 1200V / 300A 2 in one-package
2MBI300UD-120 ETC1-2MBI300UD-120 Datasheet
105Kb / 4P
   1200V / 300A 2 in one-package IGBT Module U-Series
logo
Fuji Electric
2MBI1200U4G-120 FUJI-2MBI1200U4G-120 Datasheet
581Kb / 6P
   IGBT MODULE (U series) 1200V / 1200A / 2 in one package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com