Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65530RSLR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65530RSLR
Description  FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65530RSLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65530RSLR Datasheet HTML 4Page - Texas Instruments TPS65530RSLR Datasheet HTML 5Page - Texas Instruments TPS65530RSLR Datasheet HTML 6Page - Texas Instruments TPS65530RSLR Datasheet HTML 7Page - Texas Instruments TPS65530RSLR Datasheet HTML 8Page - Texas Instruments TPS65530RSLR Datasheet HTML 9Page - Texas Instruments TPS65530RSLR Datasheet HTML 10Page - Texas Instruments TPS65530RSLR Datasheet HTML 11Page - Texas Instruments TPS65530RSLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
TPS65530
SLVS744B – OCTOBER 2007 – REVISED NOVEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
0
°C ≤ T
J ≤ 125°C, 1.8 V ≤ VCC2 ≤ 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Overcurrent protection threshold
1.3
1.6
A
Overvoltage protection threshold
1.09
1.25
1.38
V
(sensing at FB5 pin)
Nch FET ON resistance(4)
VPS = 5 V
610
900
m
Load switch ON resistance
1.5 V < VCC5 < 5.5 V
100
470
m
(between VCC5 and SW5)
Load switch ramp-up time
1.5 V < VCC5 < 5.5 V, SWOUT capacitance = 4.7
200
µS
(between VCC5 and SW5)
(5)
µF
Load switch leakage current
1
µA
(between VCC5 and SW5)
MAX DUTY cycle
96
98
%
Trigger voltage to start up CH6
SEQ56 = AGND
0.8
V
CH6
VCC6
Supply voltage
2.5
5.5
V
VOUT6
Output voltage(5)
–10
–5
V
VCC6 > 2.8 V, VOUT6 = –7.5 V,
IOUT6
Output current(5)
Feedback resistance: R1 = 136 k
Ω,
100
mA
R2 = 820 k
VFB6
FB6 reference voltage
No load
–0.02
0
0.02
V
Overcurrent protection threshold
VCC6 > 2.8 V
1.1
1.35
A
Overvoltage protection threshold
–0.3
–0.2
–0.1
V
(sensing at FB6 pin)
Pch FET ON resistance(6)
VCC6 = 3.6 V
640
1100
m
Max duty cycle
84
91
98
%
Trigger voltage to power off CH6
SEQ56 = AGND
0.5
0.53
0.56
V
VS/S56
S/S56 pin voltage
1.22
1.25
1.28
V
IS/S56
S/S56 pin source current
S/S56 = AGND
170
200
230
µA
CH7
VCC7
Supply voltage(7)
1.5
5.5
V
VOUT7
Output voltage(8)
VCC7 < VOUT7
3
20
V
VCC7 > 2.4 V, VOUT7 = 15 V,
Feedback resistance: R1 = 47 k
Ω,
IOUT7_L
Lower output current(7)
3.7
5
6.3
mA
R2 = 680 k
Ω, Rsense = 10 Ω,
B_ADJ pin voltage = 0 V
VCC7 > 2.4 V, VOUT7 = 15 V,
Feedback resistance: R1 = 47 k
Ω,
IOUT7_H
Higher output current(7)
23.7
25
26.3
mA
R2 = 680 k
Ω, Rsense = 10 Ω,
B_ADJ pin voltage = 1 V
VFBV
FBV reference voltage
No load
0.97
1
1.03
V
Overvoltage protection threshold
1.15
1.25
1.35
V
(sensing at FBV pin)
Overcurrent protection threshold
0.8
1.2
A
Nch FET ON resistance(6)
700
1200
m
Max duty cycle
86
91
99
%
Load switch ON resistance
2
4
Load switch leakage current
1
µA
(between C-IN and FBC)
RB-ADJ
B-ADJ pin input impedance
1
M
Ω
(6)
The value of FET On resistance includes the resistance of bonding wire.
(7)
Specified by design
(8)
Due to constant current control for CH7, the operating condition is that Input voltage is less than LED supply voltage (Output voltage).
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS65530


Similar Part No. - TPS65530RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65530RSLR TI-TPS65530RSLR Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65530RSLR TI-TPS65530RSLR Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
More results

Similar Description - TPS65530RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65530A TI1-TPS65530A Datasheet
1Mb / 32P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530 TI-TPS65530_08 Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
logo
Micro Electronics
T06378 MICRO-ELECTRONICS-T06378 Datasheet
179Kb / 1P
   DC TO DC CONVERTER TRANSFORMER FOR DIGITAL STILL CAMERA
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
   Digital Still Cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
logo
Sanyo Semicon Device
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
   Digital Still Cameras
logo
Advanced Analogic Techn...
AAT2610 ANALOGICTECH-AAT2610 Datasheet
5Mb / 33P
   7-Channel PMU for Digital Still Cameras
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com