Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM7620SM Datasheet(PDF) 2 Page - International Rectifier

Part # OM7620SM
Description  SURFACE MOUNT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7620SM Datasheet(HTML) 2 Page - International Rectifier

  OM7620SM Datasheet HTML 1Page - International Rectifier OM7620SM Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM7620SM
3.5
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C, IL = 8mA (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
V
REF
V
DIFF = 3.0V, TA = 25°C
1.20
1.30
V
DIFF = 3.3V
1.20
1.30
V
V
DIFF = 40V
1.20
1.30
V
DIFF = 60V
1.20
1.30
Line Regulation
R
LINE
3.0V ≤ V
DIFF ≤ 40V, VOUT = Vref, TA = 25°C
-12
12
(Note 1)
3.3V ≤ V
DIFF ≤ 40V, VOUT = Vref
-25
25
mV
40V ≤ V
DIFF ≤ 60V, VOUT = Vref, TA = 25°C
-8
8
40V ≤ V
DIFF ≤ 60V, VOUT = Vref
-12
12
Load Regulation
R
LOAD
V
DIFF = 3.0V, 10mA ≤ IL ≤ 1.0A, TA = 25°C
-20
20
(Note 1)
V
DIFF = 3.3V, 10mA ≤ IL ≤ 1.0A
-20
20
mV
V
DIFF = 40V, 10mA ≤ IL ≤ 300mA, TA = 25°C
-20
20
V
DIFF = 40V, 10mA ≤ IL ≤ 195mA
-20
20
V
DIFF = 60V, 10mA ≤ IL ≤ 30mA
-20
20
Thermal Regulation
V
RTH
VIN = 14.6V, IL = 1.0A
-16
16
mV
P
d = 20 Watts, t = 20 ms, TA = 25°C
Ripple Rejection
R
N
f = 120 Hz, V
OUT = Vref
•66
dB
(Note 2)
C
Adj = 10 µF, IOUT = 100 mA
Adjustment Pin Current
I
Adj
V
DIFF = 3.0V, TA = 25°C
100
V
DIFF = 3.3V
100
µA
V
DIFF = 40V
100
V
DIFF = 60V
100
Adjustment Pin
∆I
Adj
V
DIFF = 3.0V, 10mA ≤ IL ≤ 1.0A, TA = 25°C
-10
10
Current Change
V
DIFF = 3.3V, 10mA ≤ IL ≤ 1.0A
-10
10
V
DIFF = 40V, 10mA ≤ IL ≤ 300mA, TA = 25°C
-10
10
V
DIFF = 40V, 10mA ≤ IL ≤ 195mA
-10
10
µA
3.0V ≤ V
DIFF ≤ 40V, TA = 25°C
-10
10
3.3V ≤ V
DIFF ≤ 40V
-10
10
3.3V ≤ V
DIFF ≤ 60V
-10
10
Miminum Load Current
I
Lmin
V
DIFF = 3.0V, VOUT = 1.4V (forced)
10
V
DIFF = 3.3V, VOUT = 1.4V (forced)
10
mA
V
DIFF = 40V, VOUT = 1.4V (forced)
10
V
DIFF = 60V, VOUT = 1.4V (forced)
10
Current Limit
I
CL
V
DIFF = 40V, TA = 25°C
0.3
1.0
A
(Note 2)
V
DIFF = 60V, TA = 25°C
0.05
0.40
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. If not tested, shall be guaranteed to the specified limits.
3. The • denotes the specifications which apply over the full operating temperature range.


Similar Part No. - OM7620SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - OM7620SM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7628NM IRF-OM7628NM Datasheet
20Kb / 2P
   HERMETIC SURFACE MOUNT ADJUSTABLE POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7637SM ETC2-OM7637SM Datasheet
19Kb / 2P
   SURFACE MOUNT POSITIVE ADJUSTABLE 3.0 AMP VOLTAGE REGULATOR
OM7635SM ETC-OM7635SM Datasheet
16Kb / 2P
   SURFACE MOUNT POSITIVE ADJUSTABLE 1.0 AMP VOLTAGE REGULATOR
OM7646SM ETC1-OM7646SM Datasheet
26Kb / 2P
   SURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com