Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15004BAUE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15004BAUE
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15004BAUE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15004BAUE Datasheet HTML 1Page - Maxim Integrated Products MAX15004BAUE Datasheet HTML 2Page - Maxim Integrated Products MAX15004BAUE Datasheet HTML 3Page - Maxim Integrated Products MAX15004BAUE Datasheet HTML 4Page - Maxim Integrated Products MAX15004BAUE Datasheet HTML 5Page - Maxim Integrated Products MAX15004BAUE Datasheet HTML 6Page - Maxim Integrated Products MAX15004BAUE Datasheet HTML 7Page - Maxim Integrated Products MAX15004BAUE Datasheet HTML 8Page - Maxim Integrated Products MAX15004BAUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
General Description
The MAX15004A/B/MAX15005A/B high-performance,
current-mode PWM controllers operate at an automo-
tive input voltage range from 4.5V to 40V (load dump).
The input voltage can go down as low as 2.5V after
startup if VCC is supplied by an external bias voltage.
The controllers integrate all the building blocks neces-
sary for implementing fixed-frequency isolated/noniso-
lated power supplies. The general-purpose boost,
flyback, forward, and SEPIC converters can be
designed with ease around the MAX15004/MAX15005.
The current-mode control architecture offers excellent
line-transient response and cycle-by-cycle current limit
while simplifying the frequency compensation.
Programmable slope compensation simplifies the
design further. A fast 60ns current-limit response time,
low 300mV current-limit threshold makes the controllers
suitable for high-efficiency, high-frequency DC-DC con-
verters. The devices include an internal error amplifier
and 1% accurate reference to facilitate the primary-side
regulated, single-ended flyback converter or nonisolat-
ed converters.
An external resistor and capacitor network programs
the switching frequency from 15kHz to 500kHz (1MHz for
the MAX15005A/B). The MAX15004A/B/MAX15005A/B
provide a SYNC input for synchronization to an external
clock. The maximum FET-driver duty cycle for the
MAX15004A/B is 50%. The maximum duty cycle can be
set on the MAX15005A/B by selecting the right combi-
nation of RT and CT.
The input undervoltage lockout (ON/OFF) programs the
input-supply startup voltage and can be used to shut-
down the converter to reduce the total shutdown cur-
rent down to 10µA. Protection features include
cycle-by-cycle and hiccup current limit, output overvolt-
age protection, and thermal shutdown.
The MAX15004A/B/MAX15005A/B are available in
space-saving 16-pin TSSOP and thermally enhanced
16-pin TSSOP-EP packages. All devices operate over
the -40°C to +125°C automotive temperature range.
Applications
Automotive
Vacuum Fluorescent Display (VFD) Power
Supply
Isolated Flyback, Forward, Nonisolated SEPIC,
Boost Converters
Features
♦ Wide 4.5V to 40V Operating Input Voltage Range
♦ Operates Down to 2.5V (with Bootstrapped VCC
Bias)
♦ Current-Mode Control
♦ Low 300mV, 5% Accurate Current-Limit Threshold
Voltage
♦ Internal Error Amplifier with 1% Accurate Reference
♦ RC Programmable 4% Accurate Switching
Frequency
♦ Switching Frequency Adjustable from 15kHz to
500kHz (1MHz for the MAX15005A/B)
♦ External Frequency Synchronization
♦ 50% (MAX15004) or Adjustable (MAX15005)
Maximum Duty Cycle
♦ Programmable Slope Compensation
♦ 10µA Shutdown Current
♦ Cycle-by-Cycle and Hiccup Current-Limit
Protection
♦ Overvoltage and Thermal Shutdown Protection
♦ -40°C to +125°C Automotive Temperature Range
♦ 16-Pin TSSOP or 16-Pin Thermally Enhanced
TSSOP-EP Packages
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
________________________________________________________________
Maxim Integrated Products
1
PART
PIN-
PACKAGE
MAX DUTY
CYCLE
PKG
CODE
MAX15004AAUE+ 16 TSSOP–EP*
50%
U16E-3
MAX15004BAUE+
16 TSSOP
50%
U16-2
MAX15005AAUE+ 16 TSSOP–EP*
Programmable
U16E-3
MAX15005BAUE+
16 TSSOP
Programmable
U16-2
Ordering Information
19-0723; Rev 1; 11/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: All devices are specified over the -40°C to +125°C tem-
perature range.
+
Denotes lead-free package.
*
EP = Exposed pad.
Pin Configurations appear at end of data sheet.
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX15004BAUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004BAUE MAXIM-MAX15004BAUE Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004BAUE MAXIM-MAX15004BAUE Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004BAUE++ MAXIM-MAX15004BAUE+ Datasheet
567Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX15004BAUEV MAXIM-MAX15004BAUEV Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
More results

Similar Description - MAX15004BAUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004_11 Datasheet
567Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com