Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6622 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6622
Description  5-Channel Precision Temperature Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6622 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6622 Datasheet HTML 3Page - Maxim Integrated Products MAX6622 Datasheet HTML 4Page - Maxim Integrated Products MAX6622 Datasheet HTML 5Page - Maxim Integrated Products MAX6622 Datasheet HTML 6Page - Maxim Integrated Products MAX6622 Datasheet HTML 7Page - Maxim Integrated Products MAX6622 Datasheet HTML 8Page - Maxim Integrated Products MAX6622 Datasheet HTML 9Page - Maxim Integrated Products MAX6622 Datasheet HTML 10Page - Maxim Integrated Products MAX6622 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SMBus Digital Interface
From a software perspective, the MAX6622 appears as
a series of 8-bit registers that contain temperature mea-
surement data, alarm threshold values, and control bits.
A standard SMBus-compatible, 2-wire serial interface is
used to read temperature data and write control bits
and alarm threshold data. The same SMBus slave
address also provides access to all functions.
The MAX6622 employs four standard SMBus protocols:
write byte, read byte, send byte, and receive byte
(Figure 2). The shorter receive byte protocol allows
quicker transfers, provided that the correct data regis-
ter was previously selected by a read byte instruction.
Use caution with the shorter protocols in multimaster
systems, since a second master could overwrite the
command byte without informing the first master. Figure
3 is the SMBus write timing diagram and Figure 4 is the
SMBus read timing diagram.
The remote diode 1 measurement channel provides 11
bits of data (1 LSB = +0.125°C). All other temperature-
measurement channels provide 8 bits of temperature
data (1 LSB = +1°C). The 8 most significant bits (MSBs)
can be read from the local temperature and remote
temperature registers. The remaining 3 bits for remote
diode 1 can be read from the extended temperature
register. If extended resolution is desired, the extended
resolution register should be read first. This prevents
the most significant bits from being overwritten by new
5-Channel Precision Temperature Monitor
_______________________________________________________________________________________
7
Figure 1. Internal Block Diagram
DXP1
DXN1
DXP2
DXN2
DXP3
DXN3
DXP4
DXN4
INPUT
BUFFER
10/100
μA
VCC
REF
COUNT
COUNTER
COMMAND BYTE
REMOTE TEMPERATURES
LOCAL TEMPERATURES
REGISTER BANK
ALERT THRESHOLD
OVERT THRESHOLD
ALERT RESPONSE ADDRESS
ALARM
ALU
ADC
SMBus
INTERFACE
MAX6622
SMBCLK
SMBDATA
OVERT
AVERT
STBY


Similar Part No. - MAX6622

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
MAX6620 MAXIM-MAX6620 Datasheet
355Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 0; 3/08
MAX6620 MAXIM-MAX6620 Datasheet
315Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 1; 1/13
MAX6620 MAXIM-MAX6620 Datasheet
281Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 1; 1/13
MAX6620 MAXIM-MAX6620 Datasheet
667Kb / 11P
   Uses Four External Low-Cost PNP Pass Transistors
Rev 0; 3/08
More results

Similar Description - MAX6622

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6699 MAXIM-MAX6699 Datasheet
310Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 0; 12/05
MAX6699 MAXIM-MAX6699_07 Datasheet
301Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 2; 7/07
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
   5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
MAX6697 MAXIM-MAX6697_09 Datasheet
240Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 3; 5/09
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6602 MAXIM-MAX6602_07 Datasheet
207Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6689 MAXIM-MAX6689 Datasheet
341Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 5/06
MAX6697 MAXIM-MAX6697 Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com