Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLPGU1002A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLPGU1002A
Description  Panel Circuit Indicator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGU1002A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLPGU1002A Datasheet HTML 1Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 2Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 3Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 4Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 5Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 6Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 7Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 8Page - Toshiba Semiconductor TLPGU1002A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TL(RU,SU,OU,AU,YU,GU,PGU)1002A(T02)
2006-06-13
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRU1002A
4.76
45
20
H / J / K / L
TLSU1002A
27.2
60
20
L / M / N / P
TLOU1002A
27.2
78
20
L / M / N / P
TLAU1002A
8.5
30
20
J / K / L / M
TLYU1002A
8.5
30
20
J / K / L / M
TLGU1002A
8.5
30
20
J / K / L / M
TLPGU1002A
1.53
6
20
F / G / H / J
Unit
mcd
mcd
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Min
F
1.53
4.14
G
2.72
7.36
H
4.76
12.9
J
8.5
23
K
15.3
41.4
L
27.2
73.6
M
47.6
129
N
85
230
P
153
414
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRU1002A
644
15
624
630
638
TLSU1002A
636
17
617
623
631
TLOU1002A
612
15
599
605
613
TLAU1002A
596
13
585
592
599
TLYU1002A
590
15
580
587
595
TLGU1002A
574
13
565
571
576
TLPGU1002A
562
13
557
564
20
Unit
nm
nm
nm
mA
The cautions
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by the IR light.
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.


Similar Part No. - TLPGU1002A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLPGU1002A TOSHIBA-TLPGU1002A Datasheet
582Kb / 19P
   LED LAMP PANEL CIRCUIT INDICATOR
logo
Marktech Corporate
TLPGU1002A MARKTECH-TLPGU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TLPGU1002A TOSHIBA-TLPGU1002A Datasheet
270Kb / 17P
   Panel Circuit Indicator
TLPGU1002A TOSHIBA-TLPGU1002A Datasheet
270Kb / 17P
   TLOU1002AT02
More results

Similar Description - TLPGU1002A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com