Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4271ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4271ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
3V to 12V Current-Limiting Hot-Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 5V, RSENSE = 100mΩ, CBOARD = 47µF, TA = +25°C, unless otherwise noted.)
0.625
0.605
0.615
0.595
0.585
0.575
410
6
8
12
14
16
INC THRESHOLD vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
RISING
FALLING
600
610
608
606
604
602
614
612
618
616
620
-40
10
-15
356085
INC THRESHOLD vs. TEMPERATURE
TEMPERATURE (°C)
RISING
FALLING
1.2020
1.2024
1.2022
1.2030
1.2028
1.2026
1.2038
1.2036
1.2034
1.2032
1.2040
37
9
5
111315
MAX4273
REFERENCE VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1.2000
1.2005
1.2010
1.2015
1.2020
1.2025
1.2030
1.2035
1.2040
-40
-15
10
35
60
85
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
920
930
925
940
935
945
950
3579
11
13
15
RETRY TIMEOUT PERIOD
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
CTIM = 100nF
965
970
975
980
985
990
995
-40
-15
10
35
60
85
RETRY TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (°C)
12V
5V
3V
CBOARD = 470μF, RSENSE = 100mΩ,
CTIM = 10nF, CGATE = 0
ILOAD
1A/div
VOUT
2V/div
VGATE
2V/div
ON
500μs/div
STARTUP TIME (CBOARD = 470μF)
MAX4271/3-34


Similar Part No. - MAX4271ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4271ESA MAXIM-MAX4271ESA Datasheet
407Kb / 24P
   3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
19-1694; Rev 1a; 4/01
More results

Similar Description - MAX4271ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4271 MAXIM-MAX4271 Datasheet
407Kb / 24P
   3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
19-1694; Rev 1a; 4/01
MAX4370 MAXIM-MAX4370 Datasheet
226Kb / 16P
   Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
Rev 0; 4/99
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Monolithic Power System...
MP5021 MPS-MP5021 Datasheet
966Kb / 19P
   12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
   12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
   12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com