Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3674ECM Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3674ECM
Description  High-Performance, Dual-Output, Network Clock Synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3674ECM Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3674ECM Datasheet HTML 5Page - Maxim Integrated Products MAX3674ECM Datasheet HTML 6Page - Maxim Integrated Products MAX3674ECM Datasheet HTML 7Page - Maxim Integrated Products MAX3674ECM Datasheet HTML 8Page - Maxim Integrated Products MAX3674ECM Datasheet HTML 9Page - Maxim Integrated Products MAX3674ECM Datasheet HTML 10Page - Maxim Integrated Products MAX3674ECM Datasheet HTML 11Page - Maxim Integrated Products MAX3674ECM Datasheet HTML 12Page - Maxim Integrated Products MAX3674ECM Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Detailed Description
The MAX3674 is a high-performance wide-frequency
range clock synthesizer. It integrates a crystal oscillator,
PLL, programmable dividers, configuration registers,
two differential PECL outputs buffers (QA, QB), and an
LVCMOS lock indicator output (Figure 1). Using a low-
frequency clock as a reference, the internal PLL gener-
ates a high-frequency output clock with excellent jitter
performance. The programmable dividers make it possi-
ble to generate a wide range of output frequencies
(21.25MHz to 1360MHz) and perform frequency margin-
ing using the increment and decrement functions.
Reference Clock
An integrated oscillator provides the low-frequency ref-
erence clock for the PLL. This oscillator requires an
external quartz crystal connected between XTAL1 and
XTAL2 (Table 12). Alternatively, an LVCMOS-compati-
ble clock source can be connected to the REF_CLK
input to serve as the reference clock.
Phase-Locked Loop (PLL)
The reference clock passes through a predivider (P)
before entering the PLL. The PLL contains a phase-fre-
quency detector (PFD), lowpass filter, and voltage-con-
trolled oscillator (VCO) with a 1360MHz to 2720MHz
operating range. The VCO output is connected to the
PFD input through a feedback divider (M). The PFD
compares the divided reference clock (fREF / P) to the
divided-down VCO output (fVCO / M) and generates a
control signal that keeps the VCO locked to the refer-
ence clock. After scaling the VCO output with postdi-
viders (NA,B), the high-frequency clock is sent to the
PECL output buffers. To minimize noise-induced jitter,
the PLL supply (VCC_PLL) is isolated from the supply for
the core logic and output buffers.
Configuration Registers and Dividers
Output frequency depends on the reference clock fre-
quency fREF, the predivider P, the feedback divider M,
and the postdividers NA,B. Dividers are programmable
through configuration logic that uses either a serial or
parallel interface as selected by the PLOAD input. The
parallel interface uses the values at the P, M[9:0],
NA[2:0], and NB parallel inputs to configure the internal
dividers. The serial interface is I2C compatible and pro-
vides read and write access to configuration registers.
LVPECL Outputs
The high-frequency outputs, QA and QB, use differen-
tial PECL buffers designed to drive a pair of transmis-
sion lines terminated 50
Ω to VTT = VCC - 2.0V. Both
differential outputs can be enabled/disabled indepen-
dently using the CLK_STOPx inputs. The CLK_STOPx
inputs are synchronized to the output clock signal to
eliminate the possibility of producing runt pulses. Using
the postdivider NB, the secondary output QB can be
configured to run at 1x or 1/2x the frequency of the pri-
mary output QA.
High-Performance, Dual-Output, Network Clock
Synthesizer
_______________________________________________________________________________________
9
XTAL
XTAL1
REF_SEL
XTAL2
REF_CLK
QA
QB
LOCK
/ P
(2, 4)
/ NB
(1, 2)
PLL
1360MHz TO
2720MHz
I2C/PARALLEL
PLL
CONFIGURATION
REGISTERS
/ NA
(2, 4, 8, 16,
32, 64)
/ M
fVCO
fREF
fQB
SDA
SCL
ADR[1:0]
P
PLOAD
M[9:0]
NA[2:0]
NB
CLK_STOPx
BYPASS
MR
fQA
MAX3674
Figure 1. Functional Diagram


Similar Part No. - MAX3674ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3674EVKIT MAXIM-MAX3674EVKIT Datasheet
621Kb / 10P
   On-Board 16MHz Crystal Reference
Rev 0; 5/08
MAX3674EVKIT++ MAXIM-MAX3674EVKIT+ Datasheet
621Kb / 10P
   Evaluation Kit
Rev 0; 5/08
MAX3674EVKIT++ MAXIM-MAX3674EVKIT+ Datasheet
621Kb / 10P
   On-Board 16MHz Crystal Reference
Rev 0; 5/08
More results

Similar Description - MAX3674ECM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
logo
Integrated Device Techn...
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
   1360MHz Dual Output LVPECL Clock Synthesizer
logo
Cypress Semiconductor
C9827H CYPRESS-C9827H Datasheet
171Kb / 25P
   High Performance Pentium 4 Clock Synthesizer
C9870G CYPRESS-C9870G Datasheet
175Kb / 25P
   High Performance Pentium짰 4 Clock Synthesizer
logo
Freescale Semiconductor...
MPC92433 FREESCALE-MPC92433 Datasheet
412Kb / 20P
   1428 MHz Dual Output LVPECL Clock Synthesizer
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
   1360 MHz Dual Output LVPECL Clock Synthesizer
logo
ON Semiconductor
PCS1P2860A ONSEMI-PCS1P2860A Datasheet
149Kb / 6P
   Multi-Output Clock Synthesizer
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS1P2860A PULSECORE-PCS1P2860A Datasheet
368Kb / 7P
   Multi-Output Clock Synthesizer
PCS1P2859A PULSECORE-PCS1P2859A Datasheet
369Kb / 7P
   Multi-Output Clock Synthesizer
PCS1P2859A PULSECORE-PCS1P2859A_08 Datasheet
348Kb / 7P
   Multi-Output Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com