Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK70D06J1 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TK70D06J1
Description  Switching Regulator Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK70D06J1 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TK70D06J1 Datasheet HTML 1Page - Toshiba Semiconductor TK70D06J1 Datasheet HTML 2Page - Toshiba Semiconductor TK70D06J1 Datasheet HTML 3Page - Toshiba Semiconductor TK70D06J1 Datasheet HTML 4Page - Toshiba Semiconductor TK70D06J1 Datasheet HTML 5Page - Toshiba Semiconductor TK70D06J1 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TK70D06J1
2007-02-05
3
3
3.25
3.5
3.75
5
8
10
4.5
Common source
Tc
= 25°C
Pulse Test
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
4
6
8
10
0
80
120
160
200
40
02
8
12
16
20
0
0.4
0.6
0.8
1
0.2
04
0
20
40
60
80
100
0.4
0.6
0.8
1.0
0
0.2
2
4
0
80
160
200
40
0
1
5
3
3
3.25
3.5
4.5
Common source
Tc
= 25°C
Pulse Test
10
8
5
4.25
|Yfs| – ID
10
100
1
10
1000
0.1
RDS (ON) – ID
1
10
1000
1
100
Drain-source voltage VDS
(V)
Drain-source voltage VDS
(V)
Gate-source voltage VGS
(V)
Gate-source voltage VGS
(V)
Drain current ID (A)
Drain current ID (A)
100
10
4
4
3.75
120
100
1
ID = 70 A
18
35
Common source
Tc
= 25°C
Pulse Test
VGS = 4.5 V
10
Common source
Tc
= 25°C
Pulse Test
Tc
= −55°C
25
100
Common source
VDS = 10 V
Pulse Test
Tc
= −55°C
100
25
Common source
VDS = 10 V
Pulse Test


Similar Part No. - TK70D06J1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK70D06J1 TOSHIBA-TK70D06J1 Datasheet
224Kb / 6P
   Switching Regulator Application
TK70D06J1 TOSHIBA-TK70D06J1_09 Datasheet
224Kb / 6P
   Switching Regulator Application
More results

Similar Description - TK70D06J1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN03T80IS KODENSHI-SMN03T80IS Datasheet
391Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0825FZ KODENSHI-SMK0825FZ Datasheet
324Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMN0250F KODENSHI-SMN0250F Datasheet
350Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0990CI KODENSHI-SMK0990CI Datasheet
263Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK70D06J1 TOSHIBA-TK70D06J1_09 Datasheet
224Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK1360FD KODENSHI-SMK1360FD Datasheet
347Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
First Silicon Co., Ltd
MJE13003A FS-MJE13003A Datasheet
191Kb / 2P
   SWITCHING REGULATOR APPLICATION.
MJE13003I FS-MJE13003I Datasheet
211Kb / 2P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK0460D KODENSHI-SMK0460D Datasheet
334Kb / 8P
   SWITCHING REGULATOR APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com