Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3421E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3421E
Description  USB Peripheral/Host Controller with SPI Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3421E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3421E Datasheet HTML 1Page - Maxim Integrated Products MAX3421E Datasheet HTML 2Page - Maxim Integrated Products MAX3421E Datasheet HTML 3Page - Maxim Integrated Products MAX3421E Datasheet HTML 4Page - Maxim Integrated Products MAX3421E Datasheet HTML 5Page - Maxim Integrated Products MAX3421E Datasheet HTML 6Page - Maxim Integrated Products MAX3421E Datasheet HTML 7Page - Maxim Integrated Products MAX3421E Datasheet HTML 8Page - Maxim Integrated Products MAX3421E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Features in Host Operation
♦ Eleven Registers (R21–R31) are Added to the
MAX3420E Register Set to Control Host Operation
♦ Host Controller Operates at Full Speed or Low
Speed
♦ FIFOS
SNDFIFO: Send FIFO, Double-Buffered 64-Byte
RCVFIFO: Receive FIFO, Double-Buffered 64-Byte
♦ Handles DATA0/DATA1 Toggle Generation and
Checking
♦ Performs Error Checking for All Transfers
♦ Automatically Generates SOF (Full-Speed)/EOP
(Low-Speed) at 1ms Intervals
♦ Automatically Synchronizes Host Transfers with
Beginning of Frame (SOF/EOP)
♦ Reports Results of Host Requests
♦ Supports USB Hubs
♦ Supports ISOCHRONOUS Transfers
♦ Simple Programming
SIE Automatically Generates Periodic SOF
(Full-Speed) or EOP (Low-Speed) Frame
Markers
SPI Master Loads Data, Sets Function Address,
Endpoint, and Transfer Type, and Initiates the
Transfer
MAX3421E Responds with an Interrupt and
Result Code Indicating Peripheral Response
Transfer Request Can be Loaded Any Time
SIE Synchronizes with Frame Markers
For Multipacket Transfers, the SIE
Automatically Maintains and Checks the
Data Toggles
Features in Peripheral Operation
♦ Built-In Endpoint FIFOS
EP0: CONTROL (64 bytes)
EP1: OUT, BULK or INTERRUPT, 2 x 64 Bytes
(Double-Buffered)
EP2: IN, BULK or INTERRUPT, 2 x 64 Bytes
(Double-Buffered)
EP3: IN, BULK or INTERRUPT (64 Bytes)
♦ Double-Buffered Data Endpoints Increase
Throughput by Allowing the SPI Master to
Transfer Data Concurrent with USB Transfers
♦ SETUP Data Has its Own 8-Byte FIFO, Simplifying
Firmware
USB Peripheral/Host Controller
with SPI Interface
2
_______________________________________________________________________________________
The MAX3421E connects to any microprocessor (µP)
using 3 or 4 interface pins (Figure 1). On a simple
microprocessor without SPI hardware, these can be
bit-banged general-purpose I/O pins. Eight GPIN and
eight GPOUT pins on the MAX3421E more than
replace the µP pins necessary to implement the inter-
face. Although the MAX3421E SPI hardware includes
separate data-in (MOSI, master-out, slave-in) and data-
out (MISO, master-in, slave-out) pins, the SPI interface
can also be configured for the MOSI pin to carry bidi-
rectional data, saving an interface pin. This is referred
to as half-duplex mode.
Typical Application Circuits
3.3V
REGULATOR
SPI
3, 4
INT
USB
μP
MAX3421E
Figure 1. The MAX3421E Connects to Any Microprocessor
Using 3 or 4 Interface Pins


Similar Part No. - MAX3421E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
MAX3421E MAXIM-MAX3421E Datasheet
203Kb / 9P
   Mates to Keil MCB2130 Development Board
Rev 0; 12/06
MAX3421EEHJ MAXIM-MAX3421EEHJ Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
MAX3421EEHJ++ MAXIM-MAX3421EEHJ+ Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421EETG MAXIM-MAX3421EETG Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
More results

Similar Description - MAX3421E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E_15 Datasheet
1Mb / 22P
   USB Peripheral Controller with SPI Interface
Rev 5; 11/15
MAX3420E MAXIM-MAX3420E_07 Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
logo
List of Unclassifed Man...
OTI-6888 ETC1-OTI-6888 Datasheet
569Kb / 12P
   USB 1.1 USB Host with MP3 Interface Controller
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com