Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62930FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TD62930FG
Description  THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62930FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TD62930FG Datasheet HTML 1Page - Toshiba Semiconductor TD62930FG Datasheet HTML 2Page - Toshiba Semiconductor TD62930FG Datasheet HTML 3Page - Toshiba Semiconductor TD62930FG Datasheet HTML 4Page - Toshiba Semiconductor TD62930FG Datasheet HTML 5Page - Toshiba Semiconductor TD62930FG Datasheet HTML 6Page - Toshiba Semiconductor TD62930FG Datasheet HTML 7Page - Toshiba Semiconductor TD62930FG Datasheet HTML 8Page - Toshiba Semiconductor TD62930FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TD62930PG/FG
2006-06-14
1
TOSHIBA BIPOLAR DIGITAL IC SILICON MONOLITHIC
TD62930PG,TD62930FG
THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
The TD62930PG and TD62930FG are drivers using 5 V−signal
input to output the signals required to drive IGBT gates.
TD62930PG / FG is the most suitable for low−side drive of a
miniature IGBT to use for inverter for the household electric
appliances mainly.
The outputs are separated into high−side and low−side outputs.
This separation simplifies the IGBT gate on / off timing control.
Two output signals are assigned for one input signal.
The high−side output is high−level for high−level input, and high
impedance for low−level input. The low−side output is high
impedance for high−level input, and low−level for low−level
input.
The suffix (G) appended to the part number represents a Lead
(Pb)-Free product.
Features
Power supply voltage (absolute maximum rating)
High−voltage block power supply voltage VCC = 30 V
Low−voltage block power supply voltage VDD = 7 V
Output current (absolute maximum rating)
High−side peak current
IOUT = −0.4 A (max)
Low−side peak current
IOUT = 0.4 A (max)
Input−output response speed tpHL, tpLH ≤ 1 µs (max)
Package : DIP16 / SSOP16 (1.00 mm pitch)
TD62930PG
TD62930FG
Weight
DIP16-P-300-2.54A
: 1.11 g (typ.)
SSOP16-P-225-1.00A: 0.14 g (typ.)


Similar Part No. - TD62930FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62930F TOSHIBA-TD62930F Datasheet
325Kb / 9P
   THREE-CHANNEL SMALL-SIGNAL IGBT GATE DRIVER
TD62930F TOSHIBA-TD62930F Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
More results

Similar Description - TD62930FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
TD62930P TOSHIBA-TD62930P Datasheet
325Kb / 9P
   THREE-CHANNEL SMALL-SIGNAL IGBT GATE DRIVER
logo
Rohm
BD6563FV-LB ROHM-BD6563FV-LB Datasheet
416Kb / 19P
   Three-Channel Small Signal IGBT/MOSFET Gate Drivers
logo
Toshiba Semiconductor
TA8483CP TOSHIBA-TA8483CP_06 Datasheet
389Kb / 22P
   Three−Phase All wave Driver IC
logo
Rohm
BD6562FV-LB ROHM-BD6562FV-LB Datasheet
581Kb / 19P
   Two-Channel/Three-Channel Small Signal IGBT/MOSFET Gate Drivers
logo
NTE Electronics
NTE455 NTE-NTE455 Datasheet
79Kb / 2P
   N−Channel Silicon Dual−Gate MOS Field Effect Transistor
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Texas Instruments
DRV593 TI-DRV593 Datasheet
185Kb / 22P
[Old version datasheet]   3−A HIGH−EFFICIENCY PWM POWER DRIVER
logo
Toshiba Semiconductor
GT25G101 TOSHIBA-GT25G101_06 Datasheet
316Kb / 4P
   SILICON N−CHANNEL IGBT STROBE FLASH APPLICATIONS
GT25G101SM TOSHIBA-GT25G101SM_06 Datasheet
293Kb / 4P
   SILICON N−CHANNEL IGBT STROBE FLASH APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com