Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62784AFNG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TD62784AFNG
Description  8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62784AFNG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TD62784AFNG Datasheet HTML 1Page - Toshiba Semiconductor TD62784AFNG Datasheet HTML 2Page - Toshiba Semiconductor TD62784AFNG Datasheet HTML 3Page - Toshiba Semiconductor TD62784AFNG Datasheet HTML 4Page - Toshiba Semiconductor TD62784AFNG Datasheet HTML 5Page - Toshiba Semiconductor TD62784AFNG Datasheet HTML 6Page - Toshiba Semiconductor TD62784AFNG Datasheet HTML 7Page - Toshiba Semiconductor TD62784AFNG Datasheet HTML 8Page - Toshiba Semiconductor TD62784AFNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TD62783,784AFNG
2006-06-14
1
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TD62783AFNG,TD62784AFNG
8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
The TD62783AFNG, TD62784AFNG are comprised of eight
source current Transistor Array.
These drivers are specifically designed for fluorescent display
applications.
Applications include relay, hammer and lamp and display (LED)
drivers.
The suffix (G) appended to the part number represents a Lead
(Pb)-Free product.
Features
Package Type
: SSOP18 pin (0.65 mm pitch)
High Ouptut Voltage : VCE (SUS) = 50 V (MIN)
Output Current (Single Output) : IOUT = −500 mA (MAX)
Output Clamp Diodes
Single Supply Voltage
Input Compatible with Various Types of Logic
TYPE
DESIGNATION
TD62783AFNG
TTL, 5 V CMOS
TD62784AFNG
6~15 V PMOS, CMOS
Pin Connection (top view)
Schematics (each driver)
Note:
The input and output parasitic diodes cannot
be used as clamp diodes.
Weight: 0.09 g (typ.)
TD62783AFNG:n=1
TD62784AFNG:n=4


Similar Part No. - TD62784AFNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62784AFN TOSHIBA-TD62784AFN Datasheet
230Kb / 7P
   8CH HIGH-VOLTAGE HIGH SOURCE-CURRENT DRIVER
More results

Similar Description - TD62784AFNG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
62784 UTC-62784 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62781AP TOSHIBA-TD62781AP_06 Datasheet
496Kb / 10P
   8CH HIGH−VOLTAGE SOURCE DRIVER
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62786AFN TOSHIBA-TD62786AFN Datasheet
210Kb / 6P
   8CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER
TD62783AFN TOSHIBA-TD62783AFN Datasheet
230Kb / 7P
   8CH HIGH-VOLTAGE HIGH SOURCE-CURRENT DRIVER
TD62708N TOSHIBA-TD62708N Datasheet
309Kb / 8P
   8CH HIGH CURRENT SOURCE DRIVER
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com