Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR5SB42 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR5SB42
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB42 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR5SB42 Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB42 Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB42 Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB42 Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB42 Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB42 Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB42 Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB42 Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB42 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
3
Electrical Characteristics
(Unless otherwise specified,
VIN =VOUT + 1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table
Line regulation
Reg・line VOUT + 0.5 V
<= VIN <= 6 V,
IOUT = 1 mA
3
15
mV
Load regulation
Reg・load 1 mA <= IOUT <= 150 mA
25
75
mV
Quiescent current
IB
IOUT = 0 mA
40
75
μA
Stand-by current
IB (OFF) VCT = 0 V
0.1
1.0
μA
TCR5SB15~TCR5SB20
25
TCR5SB21~TCR5SB30
30
TCR5SB31~TCR5SB36
35
Output noise voltage
VNO
VIN = VOUT + 1 V,
IOUT = 10 mA,
10 Hz <= f <= 100 kHz,
Ta
= 25°C
TCR5SB37~TCR5SB50
40
μVrms
Dropout voltage
VIN-VOUT
Please refer to the Dropout voltage table.
Temperature coefficient
TCVO
−40°C <= Topr <= 85°C
100
ppm/°C
TCR5SB15~TCR5SB16
VOUT +
0.33 V
6.0
TCR5SB17~TCR5SB18
VOUT +
0.31 V
6.0
TCR5SB19~TCR5SB23
VOUT +
0.25 V
6.0
TCR5SB24~TCR5SB27
VOUT +
0.20 V
6.0
Input voltage
VIN
TCR5SB28~TCR5SB50
VOUT +
0.19 V
6.0
V
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f
= 1 kHz, VRipple = 500 mVp-p,
Ta
= 25°C
80
dB
Control voltage (ON)
VCT (ON)
1.5
6.0
V
Control voltage (OFF)
VCT (OFF)
0
0.25
V
Control current (ON)
ICT (ON) VCT = 6.0 V
0.1
μA
Control current (OFF)
ICT (OFF) VCT = 0.25 V
0.1
μA


Similar Part No. - TCR5SB42

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB42A TOSHIBA-TCR5SB42A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB42U TOSHIBA-TCR5SB42U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Similar Description - TCR5SB42

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com