Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62308BFG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TD62308BFG
Description  4CH LOW INPUT ACTIVE HIGE−CURRENT DARLINGTON SINK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62308BFG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TD62308BFG Datasheet HTML 1Page - Toshiba Semiconductor TD62308BFG Datasheet HTML 2Page - Toshiba Semiconductor TD62308BFG Datasheet HTML 3Page - Toshiba Semiconductor TD62308BFG Datasheet HTML 4Page - Toshiba Semiconductor TD62308BFG Datasheet HTML 5Page - Toshiba Semiconductor TD62308BFG Datasheet HTML 6Page - Toshiba Semiconductor TD62308BFG Datasheet HTML 7Page - Toshiba Semiconductor TD62308BFG Datasheet HTML 8Page - Toshiba Semiconductor TD62308BFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TD62308BP1G/BFG
2006-06-13
1
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TD62308BP1G,TD62308BFG
4CH LOW INPUT ACTIVE HIGE−CURRENT DARLINGTON SINK DRIVER
The TD62308BP1G and TD62308BFG are non−inverting
transistor array which are comprised of four NPN darlington
output stages and PNP input stages.
This device is low level input active driver and are suitable for
operation with TTL, 5 V CMOS and 5V Microprocessor which
have sink current output drivers.
Applications include relay, hammer, lamp and stepping motor
drivers.
The suffix (G) appended to the part number represents a Lead
(Pb)-Free product.
Features
Two VCC Terminals VCC1, VCC2 (Separated)
Package Type BP1G: DIP−16 pin
BFG : HSOP−16 pin
High Sustaining Voltage Output: VCE (SUS) = 80 V (Min)
Output Current (Single Output): IOUT = 1.5 A (Max)
Output Clamp Diodes
Low Level Active Input
GND and SUB Terminal = Heat Sink
Input Compatible with TTL and 5 V CMOS
Standard Supply Voltage
Pin Connection (top view)
TD62308BP1G
TD62308BFG
Weight
DIP16−P−300−2.54A : 1.11 g (Typ.)
HSOP16−P−300−1.00 : 0.50 g (Typ.)
TD62308BP1G
TD62308BFG


Similar Part No. - TD62308BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62308BF TOSHIBA-TD62308BF Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results

Similar Description - TD62308BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064074P TOSHIBA-TD62064074P Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com