Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62081AFG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TD62081AFG
Description  8ch Darlington Sink Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62081AFG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TD62081AFG Datasheet HTML 1Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 2Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 3Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 4Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 5Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 6Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 7Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 8Page - Toshiba Semiconductor TD62081AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TD62081~084APG/AFG
2006-06-13
4
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Ta
= 25°C
50
Ta
= 85°C
100
TD62082
VIN = 6 V
500
Output leakage
current
TD62084
ICEX
1
VCE = 50 V
VIN = 1 V
500
µA
IOUT = 350 mA, IIN = 500 µA
1.3
1.6
IOUT = 200 mA, IIN = 350 µA
1.1
1.3
Collector-emitter saturation voltage
VCE (sat)
2
IOUT = 100 mA, IIN = 250 µA
0.9
1.1
V
TD62082APG/AFG
VIN = 17 V
0.82
1.25
TD62083APG/AFG
VIN = 3.85 V
0.93
1.35
VIN = 5 V
0.35
0.5
TD62084APG/AFG
IIN (ON)
2
VIN = 12 V
1.0
1.45
mA
Input current
IIN (OFF)
4
IOUT = 500 µA, Ta = 85°C
50
65
µA
TD62082APG/AFG
VCE = 2 V, IOUT = 300 mA
13
VCE = 2 V, IOUT = 200 mA
2.4
VCE = 2 V, IOUT = 250 mA
2.7
TD62083APG/AFG
VCE = 2 V, IOUT = 300 mA
3.0
VCE = 2 V, IOUT = 125 mA
5.0
VCE = 2 V, IOUT = 200 mA
6.0
VCE = 2 V, IOUT = 275 mA
7.0
Input voltage
(Output on)
TD62084APG/AFG
VIN (ON)
5
VCE = 2 V, IOUT = 350 mA
8.0
V
DC current transfer ratio
hFE
2
VCE = 2 V, IOUT = 350 mA
1000
Ta
= 25°C
(Note)
50
Clamp diode reverse current
IR
6
Ta
= 85°C
(Note)
100
µA
Clamp diode forward voltage
VF
7
IF = 350 mA
2.0
V
Input capacitance
CIN
15
pF
Turn-on delay
tON
RL = 125 Ω, VOUT = 50 V
0.1
Turn-off delay
tOFF
8
RL = 125 Ω, VOUT = 50 V
0.2
µs
Note: VR = VR max


Similar Part No. - TD62081AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62081AF TOSHIBA-TD62081AF Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
More results

Similar Description - TD62081AFG

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
Toshiba Semiconductor
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com