Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD62001APG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TD62001APG
Description  7-channel Darlington Sink Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62001APG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TD62001APG_06 Datasheet HTML 2Page - Toshiba Semiconductor TD62001APG_06 Datasheet HTML 3Page - Toshiba Semiconductor TD62001APG_06 Datasheet HTML 4Page - Toshiba Semiconductor TD62001APG_06 Datasheet HTML 5Page - Toshiba Semiconductor TD62001APG_06 Datasheet HTML 6Page - Toshiba Semiconductor TD62001APG_06 Datasheet HTML 7Page - Toshiba Semiconductor TD62001APG_06 Datasheet HTML 8Page - Toshiba Semiconductor TD62001APG_06 Datasheet HTML 9Page - Toshiba Semiconductor TD62001APG_06 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TD62001~004APG/AFG
2006-06-13
6
8. tON, tOFF
Note 1: Pulse width 50 µs, duty cycle 10%
Output impedance 50 Ω, tr ≤ 5 ns, tf ≤ 10 ns
Note 2: Input conditions are shown as following:
Input Condition
Type Number
R1
VIH
TD62001APG/AFG
2.7 k
3 V
TD62002APG/AFG
0
13 V
TD62003APG/AFG
0
3 V
TD62004APG/AFG
0
8 V
Note 3: CL includes probe and jig capacitance.
Precautions for Using
This IC does not include built-in protection circuits for excess current or overvoltage.
If this IC is subjected to excess current or overvoltage, it may be destroyed.
Hence, the utmost care must be taken when systems which incorporate this IC are designed.
Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed
due to short−circuit between outputs, air contamination fault, or fault by improper grounding.


Similar Part No. - TD62001APG_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62001APG TOSHIBA-TD62001APG Datasheet
329Kb / 13P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TD62001APG_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62001AP TOSHIBA-TD62001AP_06 Datasheet
939Kb / 15P
   7-channel Darlington Sink Driver
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
ULQ2003AP TOSHIBA-ULQ2003AP Datasheet
237Kb / 11P
   7-ch Darlington Sink Driver
logo
Cystech Electonics Corp...
CH-D3715PA CYSTEKEC-CH-D3715PA Datasheet
172Kb / 6P
   7-CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2003APG TOSHIBA-ULN2003APG Datasheet
374Kb / 13P
   7-ch Darlington Sink Driver
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
   Integrated Circuit 7-Channel Darlington Array/Driver
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com