Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD7626F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TD7626F
Description  2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD7626F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TD7626F Datasheet HTML 1Page - Toshiba Semiconductor TD7626F Datasheet HTML 2Page - Toshiba Semiconductor TD7626F Datasheet HTML 3Page - Toshiba Semiconductor TD7626F Datasheet HTML 4Page - Toshiba Semiconductor TD7626F Datasheet HTML 5Page - Toshiba Semiconductor TD7626F Datasheet HTML 6Page - Toshiba Semiconductor TD7626F Datasheet HTML 7Page - Toshiba Semiconductor TD7626F Datasheet HTML 8Page - Toshiba Semiconductor TD7626F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TD7626F,TD7626FN
2001-03-01 5/14
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage 1
VCC1
6.0
V
Power Dissipation
PD
(Note 1)
mW
Operating Temperature
Topr
−20~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1:
F-type : 540mW, FN-type : 560mW
Note 2:
When using the device at temperatures higher than 25°C, maximum power dissipation decreases for every
1°C as follows : 4.3mW with F-type : 4.5mW with FN-type.
Note 3:
Do not set the port pins (Pins 6, 7, 8, 9, 10, and 11) at or lower than the level of the GND pin.
Note 4:
These devices are easy to be damaged by high static voltage or electric fields.
In regards to this, please handle with care.
RECOMMENDED SUPPLY VOLTAGE
PIN
No.
PIN NAME
MIN
TYP.
MAX
UNIT
12
VCC
4.5
5.0
5.5
V


Similar Part No. - TD7626F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F Datasheet
459Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
TD7626FN TOSHIBA-TD7626FN Datasheet
459Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
More results

Similar Description - TD7626F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F Datasheet
459Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
TEMIC Semiconductors
U6359B TEMIC-U6359B Datasheet
89Kb / 6P
   Frequency Synthesizer for TV Tuner
logo
Toshiba Semiconductor
TD6380P TOSHIBA-TD6380P Datasheet
566Kb / 16P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
NTE Electronics
NTE1677 NTE-NTE1677 Datasheet
22Kb / 2P
   Integrated Circuit Frequency Synthesizer for TV/CATV
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
logo
Mitsubishi Electric Sem...
M64895BFP MITSUBISHI-M64895BFP Datasheet
50Kb / 6P
   PC BUS FREQUENCY SYNTHESIZER FOR TV/VCR
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com