Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD7624AFN Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TD7624AFN
Description  3-WIRE AND I2C BUS SYSTEM, 1.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD7624AFN Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TD7624AFN Datasheet HTML 5Page - Toshiba Semiconductor TD7624AFN Datasheet HTML 6Page - Toshiba Semiconductor TD7624AFN Datasheet HTML 7Page - Toshiba Semiconductor TD7624AFN Datasheet HTML 8Page - Toshiba Semiconductor TD7624AFN Datasheet HTML 9Page - Toshiba Semiconductor TD7624AFN Datasheet HTML 10Page - Toshiba Semiconductor TD7624AFN Datasheet HTML 11Page - Toshiba Semiconductor TD7624AFN Datasheet HTML 12Page - Toshiba Semiconductor TD7624AFN Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TD7624AFN
2001-03-01 9/21
l 18-bit DATA TRANSMISSION :
During a high level of the enable signal, the data is clocked into the register on the falling edge of the
clock.
The clock number during a high level of the enable signal must be set to 18-bit for the latch condition.
(The number of clock rising edges is 18).
For latch timing, the first four bits, which control the bandswitch buffers, are loaded at the fifth rising
edge of the clock, and the data is updated.
The programmed counter data transmits the 18-bit data, latched on the falling edge of the enable signal.
During 18-bit data transmission, “N14” programmable counter data is constantly set to [0] , and the
phase comparator reference frequency divider ratio is automatically set to “1 / 64”.
Details of the data timing, see the data timing chart (Figure 1)
l 19-bit DATA TRANSMISSION :
During a high level of the enable signal, the data is clocked into the register on the falling edge of the
clock.
The clock number during a high level of the enable signal must be set to 19-bit for the latch condition.
(The number of clock rising edge is 19).
For latch timing, the first four bits, which control the bandswitch buffers, are loaded at the fifth rising
edge of the clock, and the data is updated.
The programmed counter data transmits the 19-bit data, latched on the falling edge of the enable signal.
During 19-bit data transmission, the phase comparator reference frequency divider ratio is automatically
set to “1 / 80” or “1 / 128” in BUS-SW mode.
Details of the data timing, see the data timing chart (Figure 1)


Similar Part No. - TD7624AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7624AFN TOSHIBA-TD7624AFN Datasheet
918Kb / 20P
   3-WIRE AND I2C BUS SYSTEM, 1.3GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
More results

Similar Description - TD7624AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7624AFN TOSHIBA-TD7624AFN Datasheet
918Kb / 20P
   3-WIRE AND I2C BUS SYSTEM, 1.3GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
TD7623AFN TOSHIBA-TD7623AFN Datasheet
789Kb / 18P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7623AFN TOSHIBA-TD7623AFN_01 Datasheet
307Kb / 19P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7627FN TOSHIBA-TD7627FN_01 Datasheet
314Kb / 19P
   3-WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7627FN TOSHIBA-TD7627FN Datasheet
788Kb / 18P
   30WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV
logo
Mitsubishi Electric Sem...
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
logo
NXP Semiconductors
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
logo
Toshiba Semiconductor
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com