Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD7623AFN Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TD7623AFN
Description  3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD7623AFN Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TD7623AFN Datasheet HTML 6Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 7Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 8Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 9Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 10Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 11Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 12Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 13Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TD7623AFN
2001-03-01 10/19
― I
2C BUS COMMUNICATIONS CONTROL―
The TD7623AFN conform to standard I2C bus format.
The I2C bus mode enables two-way bus communications with the WRITE mode, which receives data, and
READ mode, which status data.
WRITE and READ mode are set using the last bit (R / W bit) of the address byte.
If the last address bit is set to [0], WRITE mode is set ; if set to [1] READ mode is set.
Address can be set using the hardware bits. Three programmable address can be programmed.
With this setting, multiple frequency synthesizers can be used in the same I2C bus line.
The address for the hardware bit setting can be selected by applying voltage to the address setting pin
(ADR : Pin 15). An address is selected according to the set bits.
When the correct address byte is received, during acknowledgment, serial data (SDA) line is “Low”.
If WRITE mode is set at this time, when the data byte is programmed, the serial data (SDA) line is “Low”
during the next acknowledgment.
a) WRITE mode (setting command)
When WRITE mode is set, Byte 1 segment the address data ; Bytes 2 and 3 segment the frequency data ;
Byte 4 segment the divider ratio setting and function setting data ; and Byte 5 segment the output port
data.
Data are latched and transferred at the end of Byte 3, Byte 4 and Byte 5.
Byte 2 and Byte 3 are latched and transferred is done with a two byte set (Byte 2+Byte 3).
Once a correct address is received and acknowledged, the data type is determined according to [0] or
[1]set in the first bit of the next byte. That is, if the first bit is [0], the data are frequency data ; if [1],
function setting or output port data.
Until the I2C bus STOP CONDITION is detected, the additional data can be input without transmitting
the address again. (Ex : Frequency sweep is possible with additional frequency data.)
If data transmission is aborted, data programmed before the abort are valid.
Byte 1 can set the hardware bit with address data.
The hardware bit is set with voltage applied to the address setting pin (ADR : Pin 15).
Bytes 2 and 3 are stored in the 15-bit shift register with counter data for the frequency setting, and
control the 15-bit programmable counter ratio.
The program frequency can be calculated in the following formula :
fosc = fr × N
fosc :
Program frequency
fr
:
Phase comparator reference frequency (Step frequency)
N
:
Counter total ratio
fr is calculated using the crystal oscillator frequency and the reference frequency divider ratio set in Byte
4 (control byte). (fr = X’tal oscillator frequency / reference frequency divider ratio)
The reference frequency divider ratio can be set to 1 / 12, 1 / 16, 1 / 64 and 1 / 80.
When using a 4 MHz crystal oscillator, fr = 333.33 kHz, 250 kHz, 62.5 kHz and 50 kHz.
The step frequency are 333.33 kHz, 250 kHz, 62.5 kHz and 50 kHz.
Byte 4 is a control byte used to set function. Bit 2 (CP) controls the output current of the charge-pump
circuit. When bit 2 is set to [0] : the output current is set to ±200 µA ; when set to [1] , ±800 µA.
Bit 3 (T2), Bit 4 (T1) and Bit 5 (T0) are used to set test mode. They are used to set the phase comparator
reference signal output, and counter divider output.
For details of test mode, see the test mode setting table.
Bit 6 (RSa) and Bit 7 (RSb) are used to set the X’tal reference frequency divider ratio.
For details of the X’tal reference frequency divider ratios, see the table for X’tal reference frequency
divider ratios.
Bit 8 (OS) is used to set the charge-pump drive amplifier output setting. When bit 8 is set to [0] the
output is ON (Normal Use) ; when set to [1] the output is OFF (Tr. Output is Low Level).
Byte 5 is used to set and control the output port (Bands 1~4).
When an output port set to [0] is OFF ; when set to [1] is ON.
Two output ports can be operation turned on, but be sure to keep the total output current under 40 mA.


Similar Part No. - TD7623AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7623AFN TOSHIBA-TD7623AFN Datasheet
789Kb / 18P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
More results

Similar Description - TD7623AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7623AFN TOSHIBA-TD7623AFN Datasheet
789Kb / 18P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7627FN TOSHIBA-TD7627FN_01 Datasheet
314Kb / 19P
   3-WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7624AFN TOSHIBA-TD7624AFN_01 Datasheet
348Kb / 21P
   3-WIRE AND I2C BUS SYSTEM, 1.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
TD7624AFN TOSHIBA-TD7624AFN Datasheet
918Kb / 20P
   3-WIRE AND I2C BUS SYSTEM, 1.3GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
TD7627FN TOSHIBA-TD7627FN Datasheet
788Kb / 18P
   30WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV
logo
Mitsubishi Electric Sem...
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
logo
Toshiba Semiconductor
TD7614F TOSHIBA-TD7614F Datasheet
520Kb / 16P
   3-WIRE BUS, 1.3GHz-FREQUENCY SYNTHESIZER IC
logo
Siemens Semiconductor G...
TBB200 SIEMENS-TBB200 Datasheet
460Kb / 28P
   PLL-Frequency Synthesizer with I2C Bus
logo
NXP Semiconductors
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com