Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9462F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC9462F
Description  Digital Servo Single Chip Processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9462F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC9462F Datasheet HTML 4Page - Toshiba Semiconductor TC9462F Datasheet HTML 5Page - Toshiba Semiconductor TC9462F Datasheet HTML 6Page - Toshiba Semiconductor TC9462F Datasheet HTML 7Page - Toshiba Semiconductor TC9462F Datasheet HTML 8Page - Toshiba Semiconductor TC9462F Datasheet HTML 9Page - Toshiba Semiconductor TC9462F Datasheet HTML 10Page - Toshiba Semiconductor TC9462F Datasheet HTML 11Page - Toshiba Semiconductor TC9462F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TC9462F
2001-11-05
8
AC Characteristics
1.
Microcomputer Interface Timing
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
CCE
“H” clock pulse width
tCC
¾
¾
120
¾
¾
CCE
status data access time
tCS
¾
CCE
falling reference
0
¾
¾
Status data disable time
tSZ1
¾
CCE
rising reference
0
¾
¾
CCE
, BUCK delay pulse width
tCB
¾
CCE
falling reference
0
¾
¾
tBLW
¾
Write, SRC mode
120
¾
¾
BUCK “L” clock pulse width
tBLW
¾
QDRC mode
240
¾
¾
BUCK “H” clock pulse width (1)
tBHW
¾
Write, SRC mode
120
¾
¾
BUCK “H” clock pulse width (2)
tBHW
¾
QDRC mode (
´1)
3000
¾
¾
BUCK “H” clock pulse width (3)
tBHW
¾
QDRC mode (
´2)
1500
¾
¾
BUCK “H” clock pulse width (4)
tBHW
¾
QDRC mode (
´4)
800
¾
¾
Write data set-up time
tWS
¾
BUCK rising reference
60
¾
¾
Write data hold time
tWH
¾
BUCK rising reference
20
¾
¾
PRTY data access time
tBA
¾
BUCK falling reference
0
¾
¾
Data disable time
tSZ2
¾
BUCK falling reference
0
¾
¾
Read data access time
tRD
¾
BUCK falling reference
0
¾
¾
Data disable time
tSZ3
¾
BUCK rising reference
0
¾
¾
ns
(1)
Idle mode
CCE
BUCK
BUSi
BUSi
(output)
Idol mode
ST
tCS
tSZ1
tCC


Similar Part No. - TC9462F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F Datasheet
730Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1BIT DA CONVERTER
More results

Similar Description - TC9462F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
TC9462F TOSHIBA-TC9462F Datasheet
730Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1BIT DA CONVERTER
TC94A14F TOSHIBA-TC94A14F Datasheet
207Kb / 17P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
Samsung semiconductor
KA8320 SAMSUNG-KA8320 Datasheet
465Kb / 6P
   1 CHIP DIGITAL SERVO PROCESSOR FOR VCR
logo
NXP Semiconductors
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Toshiba Semiconductor
TC9495F TOSHIBA-TC9495F Datasheet
235Kb / 17P
   Digital Servo Single Chip Processor Built in 1 Bit DA Converter
TC9432F TOSHIBA-TC9432F Datasheet
462Kb / 8P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9432AF TOSHIBA-TC9432AF Datasheet
722Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com