Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9462F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC9462F
Description  Digital Servo Single Chip Processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9462F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9462F_01 Datasheet HTML 1Page - Toshiba Semiconductor TC9462F_01 Datasheet HTML 2Page - Toshiba Semiconductor TC9462F_01 Datasheet HTML 3Page - Toshiba Semiconductor TC9462F_01 Datasheet HTML 4Page - Toshiba Semiconductor TC9462F_01 Datasheet HTML 5Page - Toshiba Semiconductor TC9462F_01 Datasheet HTML 6Page - Toshiba Semiconductor TC9462F_01 Datasheet HTML 7Page - Toshiba Semiconductor TC9462F_01 Datasheet HTML 8Page - Toshiba Semiconductor TC9462F_01 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TC9462F
2001-11-05
4
Pin No.
Symbol
I/O
Functional Description
Remarks
29
TMAXS
O
TMAX detection result output terminal. Selected by
command bit (TMPS).
3-state output.
(P2VREF, PVREF, VSS)
30
TMAX
O
TMAX detection result output terminal. Selected by
command bit (TMPS).
TMAX Detection
TMAX Output
Longer than fixed freq.
“P2VREF
Shorter than fixed freq.
“VSS
Within the fixed freq.
“HiZ”
3-state output.
(P2VREF, HiZ, VSS)
31
LPFN
I
LPF amplifier inverting input terminal for PLL.
Analog input.
32
LPFO
O
LPF amplifier output terminal for PLL.
Analog output.
33
PVREF
¾
PLL reference voltage supply terminal.
¾
34
VCOREF
I
VCO center frequency reference level terminal.
Normally, keep at “PVREF” level.
¾
35
VCOF
O
VCO filter terminal.
Analog output.
36
AVSS
¾
Analog GND terminal.
¾
37
SLCO
O
Data slice level output terminal.
Analog output.
38
RFI
I
RF signal input terminal.
Analog input.
(Zin: selected by command)
39
AVDD
¾
Analog power supply voltage terminal.
¾
40
RFCT
I
RFRP signal center level input terminal.
Analog input.
(Zin: 50 kW)
41
RFZI
I
RFRP zero cross input terminal.
Analog input.
42
RFRP
I
RF ripple signal input terminal.
Analog input.
43
FEI
I
Focus error signal input terminal.
Analog input.
44
SBAD
I
Sub-beam adder signal input terminal.
Analog input.
45
TSIN
I
Test input terminal. Normally, keep at “VREF” level.
Analog input.
46
TEI
I
Tracking error signal input terminal.
Take in at tracking servo on.
Analog input.
47
TEZI
I
Tracking error zero cross input terminal.
Analog input.
(Zin: 10 kW)
48
FOO
O
Focus servo equalizer output terminal.
49
TRO
O
Tracking servo equalizer output terminal.
Analog output.
(2VREF~AVSS)
50
VREF
¾
Analog reference voltage supply terminal.
¾
51
RFGC
O
RF amplitude adjustment control signal output terminal.
3-state PWM signal output. (PWM carrier
= 88.2 kHz)
52
TEBC
O
Tracking balance control signal output terminal.
3-state PWM signal output. (PWM carrier
= 88.2 kHz)
53
FMO
O
Feed equalizer output terminal.
3-state PWM signal output. (PWM carrier
= 88.2 kHz)
54
FVO
O
Speed error signal or feed search equalizer output terminal.
3-state PWM signal output. (PWM carrier
= 88.2 kHz)
55
DMO
O
Disc equalizer output terminal.
(PWM carrier
= 88.2 kHz for DSP, Synchronize to PXO)
3-state output.
(2VREF, VREF, VSS)
56
2VREF
¾
Analog double reference voltage supply terminal.
¾
57
SEL
O
APC circuit ON/OFF indication signal output terminal.
At the laser on time, “HiZ” level at UHS
= L and “H” level at
UHS
= H.
¾


Similar Part No. - TC9462F_01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F Datasheet
730Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1BIT DA CONVERTER
More results

Similar Description - TC9462F_01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
TC9462F TOSHIBA-TC9462F Datasheet
730Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1BIT DA CONVERTER
TC94A14F TOSHIBA-TC94A14F Datasheet
207Kb / 17P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
Samsung semiconductor
KA8320 SAMSUNG-KA8320 Datasheet
465Kb / 6P
   1 CHIP DIGITAL SERVO PROCESSOR FOR VCR
logo
NXP Semiconductors
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Toshiba Semiconductor
TC9495F TOSHIBA-TC9495F Datasheet
235Kb / 17P
   Digital Servo Single Chip Processor Built in 1 Bit DA Converter
TC9432F TOSHIBA-TC9432F Datasheet
462Kb / 8P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9432AF TOSHIBA-TC9432AF Datasheet
722Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com