Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9350BFN-T01 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC9350BFN-T01
Description  USB Mouse Controller IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9350BFN-T01 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC9350BFN-T01 Datasheet HTML 1Page - Toshiba Semiconductor TC9350BFN-T01 Datasheet HTML 2Page - Toshiba Semiconductor TC9350BFN-T01 Datasheet HTML 3Page - Toshiba Semiconductor TC9350BFN-T01 Datasheet HTML 4Page - Toshiba Semiconductor TC9350BFN-T01 Datasheet HTML 5Page - Toshiba Semiconductor TC9350BFN-T01 Datasheet HTML 6Page - Toshiba Semiconductor TC9350BFN-T01 Datasheet HTML 7Page - Toshiba Semiconductor TC9350BFN-T01 Datasheet HTML 8Page - Toshiba Semiconductor TC9350BFN-T01 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TC9350BFN-T00,TC9350BFN-T01
2004-01-20
3
Pin Explanation
Symbol
Description
VDD
5 V power supply. Guaranteed 4.35 to 5.25 V.
GND
Ground.
XIN
Connected to a 6-MHz ceramic resonator (ceramic resonator input pin).
XOUT
Connected to a 6-MHz ceramic resonator (ceramic resonator output pin).
LED
When the mouse is operating, the LED is always turned on by current drive with N-MOS turned on. The sink
current is 50 mA maximum. Current drive is turned off in suspend mode.
SW [1:3]
Connected to the buttons (left, middle, and right) of the mouse. Pulled up to VDD by built-in resistors.
To prevent chattering noise, the SW signals are not recognized until 15 ms after the first change in their state,
allowing the signals to be sufficiently stabilized before entering the internal circuit.
The pins are assigned to the mouse switches as follows:
SW1: Left switch
SW2: Middle switch
SW3: Right switch
SCK
Serial port clock (output) pin.
SDIO
Serial data input and output pin.
VCNT
VDD control pin (for controlling the power supply for the ADNS-2610 optical mouse sensor)
When the mouse is operating, the TC9350BFN supplies power to the optical mouse sensor via an external
transistor by current drive with N-MOS turned on. In suspend mode, N-MOS is turned off, stopping power
supply to the optical mouse sensor.
NU
No use pin. Please connect to GND.
PT3A/B
Encoder input pins. PT3A and PT3B are used as scroll pins. Data is sampled at intervals of 100
µs.
The TC9350BFN-T00 enables the built-in pull-up resistors of the encoder input pins (PT3A, PT3B) when the
mouse is operating. It is suitable for a mechanical encoder. (The pull-up resistors are disabled in suspend
mode.)
When using a mechanical encoder, it is recommended to use an external capacitor to reduce chattering and
bouncing. In stable state, PT3A
= PT3B.
The TC9350BFN-T01 maintains the encoder input pins (PT3A, PT3B) always in high-impedance state. It is
suitable for an optical encoder (phototransistor and LED).
DP, DM
It connects with the both-directions data bus line of USB.
Note:
Any short circuit (between adjacent pins or between a pin and VCC or ground) or misinsertion of pins may
damage the IC chip.
When designing an application and mounting the chip, be careful not to apply overvoltage or overcurrent to
peripheral components.


Similar Part No. - TC9350BFN-T01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9301AN TOSHIBA-TC9301AN Datasheet
4Mb / 61P
   TC9301AN
TC9302AF TOSHIBA-TC9302AF Datasheet
3Mb / 42P
   DTS MICRO CONTROLLER CONTAINING LCD DRIVER
TC9304F TOSHIBA-TC9304F Datasheet
563Kb / 13P
   SINGLE CHIP DTS MICRO CONTROLLER WITH BUILT-IN PRESCALER.PLL.LCD DRIVER
TC9304F-011 TOSHIBA-TC9304F-011 Datasheet
200Kb / 3P
   SINGLE CHIP DTS MICRO CONTROLLER
TC9304F-027 TOSHIBA-TC9304F-027 Datasheet
129Kb / 3P
   SINGLE CHIP DTS MICRO CONTROLLER
More results

Similar Description - TC9350BFN-T01

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
   USB & PS/2 Mouse Controller
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
logo
List of Unclassifed Man...
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
   8051 Embedded USB/PS2 Keyboard/Mouse Controller
TP8833AP ETC-TP8833AP Datasheet
373Kb / 35P
   MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6513 HOLTEK-HT6513 Datasheet
297Kb / 8P
   Mouse Controller
logo
ELAN Microelectronics C...
EM84513 EMC-EM84513 Datasheet
485Kb / 24P
   Mouse Controller
logo
Holtek Semiconductor In...
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
HT82M91A HOLTEK-HT82M91A Datasheet
85Kb / 6P
   3D USB Mouse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com