Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4520BP Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC4520BP
Description  Dual Binary Up Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4520BP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC4520BP Datasheet HTML 1Page - Toshiba Semiconductor TC4520BP Datasheet HTML 2Page - Toshiba Semiconductor TC4520BP Datasheet HTML 3Page - Toshiba Semiconductor TC4520BP Datasheet HTML 4Page - Toshiba Semiconductor TC4520BP Datasheet HTML 5Page - Toshiba Semiconductor TC4520BP Datasheet HTML 6Page - Toshiba Semiconductor TC4520BP Datasheet HTML 7Page - Toshiba Semiconductor TC4520BP Datasheet HTML 8Page - Toshiba Semiconductor TC4520BP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC4520BP/BF/BFN
2007-10-01
4
Static Electrical Characteristics (VSS = 0 V)
Test Condition
−40°C
25°C
85°C
Characteristics
Sym-
bol
VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
High-level output
voltage
VOH
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.00
10.00
15.00
4.95
9.95
14.95
V
Low-level output
voltage
VOL
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
0.05
0.05
0.05
0.00
0.00
0.00
0.05
0.05
0.05
0.05
0.05
0.05
V
VOH = 4.6 V
VOH = 2.5 V
VOH = 9.5 V
VOH = 13.5 V
5
5
10
15
−0.61
−2.5
−1.5
−4.0
−0.51
−2.1
−1.3
−3.4
−1.0
−4.0
−2.2
−9.0
−0.42
−1.7
−1.1
−2.8
Output high current
IOH
VIN = VSS, VDD
mA
VOL = 0.4 V
VOL = 0.5 V
VOL = 1.5 V
5
10
15
0.61
1.5
4.0
0.51
1.3
3.4
1.2
3.2
12.0
0.42
1.1
2.8
Output low current
IOL
VIN = VSS, VDD
mA
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
3.5
7.0
11.0
3.5
7.0
11.0
2.75
5.5
8.25
3.5
7.0
11.0
Input high voltage
VIH
⎪IOUT⎪ < 1 μA
V
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
1.5
3.0
4.0
2.25
4.5
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Input low voltage
VIL
⎪IOUT⎪ < 1 μA
V
“H” level
IIH
VIH = 18 V
18
0.1
10
5
0.1
1.0
Input
current
“L” level
IIL
VIL = 0 V
18
−0.1
−10−5
−0.1
−1.0
μA
Quiescent supply
current
IDD
VIN = VSS, VDD
(Note)
5
10
15
5
10
20
0.005
0.010
0.015
5
10
20
150
300
600
μA
Note: All valid input combinations.


Similar Part No. - TC4520BP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP Datasheet
291Kb / 8P
   DUAL BINARY UP COUNTER
More results

Similar Description - TC4520BP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
   DUAL BINARY UP COUNTER
logo
Hitachi Semiconductor
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
   Dual BCD Up Counter, Dual Binary Up Counter
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP Datasheet
291Kb / 8P
   DUAL BINARY UP COUNTER
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
STMicroelectronics
M54HCT393 STMICROELECTRONICS-M54HCT393 Datasheet
254Kb / 12P
   DUAL BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com