Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4520BFN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC4520BFN
Description  Dual Binary Up Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4520BFN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC4520BFN Datasheet HTML 1Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 2Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 3Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 4Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 5Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 6Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 7Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 8Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TC4520BP/BF/BFN
2007-10-01
3
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
DC supply voltage
VDD
VSS − 0.5~VSS + 20
V
Input voltage
VIN
VSS − 0.5~VDD + 0.5
V
Output voltage
VOUT
VSS − 0.5~VDD + 0.5
V
DC input current
IIN
±10
mA
Power dissipation
PD
300 (DIP)/180 (SOIC)
mW
Operating temperature range
Topr
−40~85
°C
Storage temperature range
Tstg
−65~150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (VSS = 0 V) (Note)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
DC supply voltage
VDD
3
18
V
Input voltage
VIN
0
VDD
V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VDD or VSS.


Similar Part No. - TC4520BFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4520BFN TOSHIBA-TC4520BFN Datasheet
291Kb / 8P
   DUAL BINARY UP COUNTER
More results

Similar Description - TC4520BFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
   DUAL BINARY UP COUNTER
logo
Hitachi Semiconductor
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
   Dual BCD Up Counter, Dual Binary Up Counter
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP Datasheet
291Kb / 8P
   DUAL BINARY UP COUNTER
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
STMicroelectronics
M54HCT393 STMICROELECTRONICS-M54HCT393 Datasheet
254Kb / 12P
   DUAL BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com