Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4520BFN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC4520BFN
Description  Dual Binary Up Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4520BFN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC4520BFN Datasheet HTML 1Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 2Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 3Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 4Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 5Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 6Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 7Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 8Page - Toshiba Semiconductor TC4520BFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC4520BP/BF/BFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC4520BP,TC4520BF,TC4520BFN
TC4520B Dual Binary Up Counter
TC4520B is up counters of 4 bit binary.
Since both of TC4520B contain two independent circuits of
counters with the same functions in one package, counting or
frequency division of two BCD digits or eight binary bits can be
achived with one IC. The counters can be reset to “0” (Q0~Q3 =
“L”) by giving “H” level signal to RESET input regardless of other
inputs.
The counting condition is changed by the rising edge of CLOCK
input if ENABLE = “H” or by the falling edge of ENABLE if
CLOCK = “L”.
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC4520BP
TC4520BF
TC4520BFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC4520BFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4520BFN TOSHIBA-TC4520BFN Datasheet
291Kb / 8P
   DUAL BINARY UP COUNTER
More results

Similar Description - TC4520BFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
   DUAL BINARY UP COUNTER
logo
Hitachi Semiconductor
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
   Dual BCD Up Counter, Dual Binary Up Counter
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP Datasheet
291Kb / 8P
   DUAL BINARY UP COUNTER
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
116Kb / 12P
   Binary Up/Down Counter
August, 2000 ??Rev. 4
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
STMicroelectronics
M54HCT393 STMICROELECTRONICS-M54HCT393 Datasheet
254Kb / 12P
   DUAL BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com