Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4512BP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC4512BP
Description  8-Channel Data Selector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4512BP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC4512BP Datasheet HTML 1Page - Toshiba Semiconductor TC4512BP Datasheet HTML 2Page - Toshiba Semiconductor TC4512BP Datasheet HTML 3Page - Toshiba Semiconductor TC4512BP Datasheet HTML 4Page - Toshiba Semiconductor TC4512BP Datasheet HTML 5Page - Toshiba Semiconductor TC4512BP Datasheet HTML 6Page - Toshiba Semiconductor TC4512BP Datasheet HTML 7Page - Toshiba Semiconductor TC4512BP Datasheet HTML 8Page - Toshiba Semiconductor TC4512BP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC4512BP/BF/BFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC4512BP,TC4512BF,TC4512BFN
TC4512B 8-Channel Data Selector
TC4512B is data selector which selects 8 channel data inputs
(X0 through X7) according to binary address inputs A, B and C.
Since high impedance can be given to output Z by setting
DISABLE input to “H”, the wired-OR arrangement can be
achieved. DISABLE input takes precedence over other inputs
giving the output high impedance.
If DISABLE = “L” and INHIBIT = “H”, the data select
operation is inhibited and output Z becomes “L” Level.
Pin Assignment
Truth Table
Inputs
Output
A
B
C
Inhibit
Disable
Z
L
L
L
L
L
X0
H
L
L
L
L
X1
L
H
L
L
L
X2
H
H
L
L
L
X3
L
L
H
L
L
X4
H
L
H
L
L
X5
L
H
H
L
L
X6
H
H
H
L
L
X7
*
*
*
H
L
L
*
*
*
*
H
HZ
*: Don’t care
HZ: High impedance
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC4512BP
TC4512BF
TC4512BFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC4512BP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
   8-CHANNEL DATA SELECTOR
More results

Similar Description - TC4512BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B Datasheet
178Kb / 8P
   8-Channel Data Selector
March, 2000 ??Rev. 3
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
   8-CHANNEL DATA SELECTOR
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
   8-channel Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B_14 Datasheet
110Kb / 6P
   8-Channel Data Selector
July, 2014 ??Rev. 10
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
   8-CHANNEL DATA SELECTOR
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
   8 CHANNEL DATA SELECTOR
HCC4512B STMICROELECTRONICS-HCC4512B Datasheet
278Kb / 12P
   8-CHANNEL DATA SELECTOR
logo
Fairchild Semiconductor
CD4512BC FAIRCHILD-CD4512BC Datasheet
78Kb / 8P
   8-Channel Buffered Data Selector
logo
Texas Instruments
CD4512B TI1-CD4512B Datasheet
1Mb / 16P
[Old version datasheet]   CMOS 8-Channel Data Selector
CD4512B TI1-CD4512B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Channel Data Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com