Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W400DT55ZE1T Datasheet(PDF) 6 Page - STMicroelectronics

Part # M29W400DT55ZE1T
Description  4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT55ZE1T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M29W400DT55ZE1T Datasheet HTML 2Page - STMicroelectronics M29W400DT55ZE1T Datasheet HTML 3Page - STMicroelectronics M29W400DT55ZE1T Datasheet HTML 4Page - STMicroelectronics M29W400DT55ZE1T Datasheet HTML 5Page - STMicroelectronics M29W400DT55ZE1T Datasheet HTML 6Page - STMicroelectronics M29W400DT55ZE1T Datasheet HTML 7Page - STMicroelectronics M29W400DT55ZE1T Datasheet HTML 8Page - STMicroelectronics M29W400DT55ZE1T Datasheet HTML 9Page - STMicroelectronics M29W400DT55ZE1T Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Description
M29W400DT, M29W400DB
6/48
1
Description
The M29W400D is a 4 Mbit (512 Kb x 8 or 256 Kb x 16) non-volatile memory that can be
read, erased and reprogrammed. These operations can be performed using a single low
voltage (2.7 to 3.6 V) supply. On power-up the memory defaults to its Read mode where it
can be read in the same way as a ROM or EPROM.
The memory is divided into blocks that can be erased independently so it is possible to
preserve valid data while old data is erased. Each block can be protected independently to
prevent accidental Program or Erase commands from modifying the memory. Program and
Erase commands are written to the command interface of the memory. An on-chip
Program/Erase controller simplifies the process of programming or erasing the memory by
taking care of all of the special operations that are required to update the memory contents.
The end of a program or erase operation can be detected and any error conditions
identified. The command set required to control the memory is consistent with JEDEC
standards.
The blocks in the memory are asymmetrically arranged, see Figure 5 and Figure 6, Block
addresses. The first or last 64 Kbytes have been divided into four additional blocks. The
16 Kbyte boot block can be used for small initialization code to start the microprocessor, the
two 8 Kbyte parameter blocks can be used for parameter storage and the remaining
32 Kbyte is a small main block where the application may be stored.
Chip Enable, Output Enable and Write Enable signals control the bus operation of the
memory. They allow simple connection to most microprocessors, often without additional
logic.
The memory is offered in SO44, TSOP48 (12 x 20 mm), TFBGA48 0.8 mm pitch (6 x 9 mm
and 6 x 8 mm) packages. The memory is supplied with all the bits erased (set to ’1’).
In order to meet environmental requirements, ST offers the M29W400D in ECOPACK®
packages. ECOPACK packages are Lead-free. The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.


Similar Part No. - M29W400DT55ZE1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DT55ZE1T STMICROELECTRONICS-M29W400DT55ZE1T Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W400DT55ZE1T NUMONYX-M29W400DT55ZE1T Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
More results

Similar Description - M29W400DT55ZE1T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
   4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
logo
Sharp Corporation
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com