Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4081BF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC4081BF
Description  Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4081BF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC4081BF Datasheet HTML 1Page - Toshiba Semiconductor TC4081BF Datasheet HTML 2Page - Toshiba Semiconductor TC4081BF Datasheet HTML 3Page - Toshiba Semiconductor TC4081BF Datasheet HTML 4Page - Toshiba Semiconductor TC4081BF Datasheet HTML 5Page - Toshiba Semiconductor TC4081BF Datasheet HTML 6Page - Toshiba Semiconductor TC4081BF Datasheet HTML 7Page - Toshiba Semiconductor TC4081BF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC4081BP/BF/BFN
2007-10-01
2
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
DC supply voltage
VDD
VSS − 0.5~VSS + 20
V
Input voltage
VIN
VSS − 0.5~VDD + 0.5
V
Output voltage
VOUT
VSS − 0.5~VDD + 0.5
V
DC input current
IIN
±10
mA
Power dissipation
PD
300 (DIP)/180 (SOIC)
mW
Operating temperature range
Tope
−40~85
°C
Storage temperature range
Tstg
−65~150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (VSS = 0 V) (Note)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
DC supply voltage
VDD
3
18
V
Input voltage
VIN
0
VDD
V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VDD or VSS.


Similar Part No. - TC4081BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4081BF TOSHIBA-TC4081BF Datasheet
181Kb / 5P
   QUAD 2 INPUT AND GATE
TC4081BFN TOSHIBA-TC4081BFN Datasheet
181Kb / 5P
   QUAD 2 INPUT AND GATE
More results

Similar Description - TC4081BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com