Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCQ1565RPVDTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSCQ1565RPVDTU
Description  Green Mode Fairchild Power Switch (FPS??
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ1565RPVDTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSCQ1565RPVDTU Datasheet HTML 1Page - Fairchild Semiconductor FSCQ1565RPVDTU Datasheet HTML 2Page - Fairchild Semiconductor FSCQ1565RPVDTU Datasheet HTML 3Page - Fairchild Semiconductor FSCQ1565RPVDTU Datasheet HTML 4Page - Fairchild Semiconductor FSCQ1565RPVDTU Datasheet HTML 5Page - Fairchild Semiconductor FSCQ1565RPVDTU Datasheet HTML 6Page - Fairchild Semiconductor FSCQ1565RPVDTU Datasheet HTML 7Page - Fairchild Semiconductor FSCQ1565RPVDTU Datasheet HTML 8Page - Fairchild Semiconductor FSCQ1565RPVDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
February 2006
FSCQ-Series Rev. 1.1.2
FSCQ-Series
FSCQ0565RT/FSCQ0765RT/FSCQ0965RT/FSCQ1265RT/
FSCQ1465RT/FSCQ1565RT/FSCQ1565RP
Green Mode Fairchild Power Switch (FPS™)
Features
Optimized for Quasi-Resonant Converter (QRC)
Advanced Burst-Mode Operation for under 1W
Standby Power Consumption
Pulse-by-Pulse Current Limit
Over Load Protection (OLP) – Auto Restart
Over Voltage Protection (OVP) – Auto Restart
Abnormal Over Current Protection (AOCP) – Latch
Internal Thermal Shutdown (TSD) – Latch
Under Voltage Lock Out (UVLO) with Hysteresis
Low Startup Current (typical: 25µA)
Internal High Voltage SenseFET
Built-in Soft Start (20ms)
Extended Quasi-Resonant Switching
Applications
CTV
Audio Amplifier
Related Application Notes
AN4146: Design Guidelines for Quasi-Resonant
Converters Using FSCQ-Series Fairchild Power
Switch.
AN4140: Transformer Design Consideration for
Off-Line Flyback Converters Using Fairchild Power
Switch.
Description
A Quasi-Resonant Converter (QRC) typically shows
lower EMI and higher power conversion efficiency com-
pared to conventional hard-switched converter with a
fixed switching frequency. Therefore, a QRC is well
suited for noise-sensitive applications, such as color TV
and audio. Each product in the FSCQ-Series contains an
integrated Pulse Width Modulation (PWM) controller and
a SenseFET, and is specifically designed for quasi-
resonant off-line Switch Mode Power Supplies (SMPS)
with minimal external components. The PWM controller
includes an integrated fixed frequency oscillator, under volt-
age lockout, leading edge blanking (LEB), optimized gate
driver, internal soft start, temperature-compensated pre-
cise current sources for a loop compensation, and self
protection circuitry. Compared with a discrete MOSFET
and PWM controller solution, the FSCQ-Series can
reduce total cost, component count, size, and weight, while
simultaneously increasing efficiency, productivity, and sys-
tem reliability. These devices provide a basic platform that
is well suited for cost-effective designs of quasi-resonant
switching flyback converters.
Ordering Information
YDTU: Forming Type
VDTU: Forming Type
Product Number
Package
Marking Code
BVdss
Rds(ON) Max.
FSCQ0565RTYDTU
TO-220F-5L (Forming)
CQ0565RT
650V
2.2
FSCQ0765RTYDTU
TO-220F-5L (Forming)
CQ0765RT
650V
1.6
FSCQ0965RTYDTU
TO-220F-5L (Forming)
CQ0965RT
650V
1.2
FSCQ1265RTYDTU
TO-220F-5L (Forming)
CQ1265RT
650V
0.9
FSCQ1465RTYDTU
TO-220F-5L( Forming)
CQ1465RT
650V
0.8
FSCQ1565RTYDTU
TO-220F-5L (Forming)
CQ1565RT
650V
0.7
FSCQ1565RPVDTU
TO-3PF-7L (Forming)
CQ1565RP
650V
0.7


Similar Part No. - FSCQ1565RPVDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ1565RPVDTU FAIRCHILD-FSCQ1565RPVDTU Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
More results

Similar Description - FSCQ1565RPVDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com