Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC20UD Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4BC20UD
Description  Fit Rate / Equivalent Device Hours
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20UD Datasheet(HTML) 6 Page - International Rectifier

Back Button IRG4BC20UD Datasheet HTML 2Page - International Rectifier IRG4BC20UD Datasheet HTML 3Page - International Rectifier IRG4BC20UD Datasheet HTML 4Page - International Rectifier IRG4BC20UD Datasheet HTML 5Page - International Rectifier IRG4BC20UD Datasheet HTML 6Page - International Rectifier IRG4BC20UD Datasheet HTML 7Page - International Rectifier IRG4BC20UD Datasheet HTML 8Page - International Rectifier IRG4BC20UD Datasheet HTML 9Page - International Rectifier IRG4BC20UD Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Using IGBT Reliability Information
Classic Bathtub Curve for failure rate of solid state devices
λ ( t )
Infant
Failures
Wearout
Failures
Random Failures
Log Time
Reliability is the probability that a semiconductor device will perform its
specified function in a given environment for a specified period of time.
Reliability is quality over time & environmental conditions.
Reliability can be defined as a probability of failure-free performance of a
required function, under a specified environment, for a given period of time.
The reliability of semiconductors has been extensively studied and the data
generated from these works is widely used in industry to estimate the
probabilities of system lifetimes. The reliability of a specific semiconductor
device is unique to the technology process used in fabrication and to the
external stress applied to the device.
In order to understand the reliability of specific product like the IGBT it is
useful to determine the failure rate associated with each environmental stress
that IGBT's encounter.
The values reported in this report are at a 60% upper confidence limit and the
equivalent device hours at state of working temperature of 90°C. It has been
shown that the failure rate of semiconductors in general. when followed for a
long period of time, exhibits what has been called a "Bathtub Curve" when
plotted against time for a given set of environmental conditions.
t
IGBT / CoPack
Quarterly Reliability Report
Page 6 of 35


Similar Part No. - IRG4BC20UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20UD IRF-IRG4BC20UD Datasheet
236Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC20UD-S IRF-IRG4BC20UD-S Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC20UD-S IRF-IRG4BC20UD-S Datasheet
256Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC20UD-SPBF IRF-IRG4BC20UD-SPBF Datasheet
301Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC20UD-SPBF IRF-IRG4BC20UD-SPBF Datasheet
365Kb / 11P
   ULTRA FAST COPACK IGBT
More results

Similar Description - IRG4BC20UD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5432 STMICROELECTRONICS-STLC5432 Datasheet
391Kb / 46P
   2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
   Military Equivalent Screening
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
   Equivalent to JEDEC MSL3
logo
Texas Instruments
SE5534JGB TI-SE5534JGB Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
logo
First Silicon Co., Ltd
FMMT493 FS-FMMT493 Datasheet
606Kb / 3P
   Low equivalent on-resistance
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
   SJT or Equivalent, 12/3 Wire
logo
STANLEY ELECTRIC CO.,LT...
VCEW1151CCS-TR STANLEY-VCEW1151CCS-TR Datasheet
675Kb / 25P
   Equivalent to JEDEC Level 2a
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com