Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6300415 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # T6300415
Description  Phase Control SCR (150-300 Amperes 100-1600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

T6300415 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  T6300415 Datasheet HTML 1Page - Powerex Power Semiconductors T6300415 Datasheet HTML 2Page - Powerex Power Semiconductors T6300415 Datasheet HTML 3Page - Powerex Power Semiconductors T6300415 Datasheet HTML 4Page - Powerex Power Semiconductors T6300415 Datasheet HTML 5Page - Powerex Power Semiconductors T6300415 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - T6300415

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
T630 DYNEX-T630 Datasheet
92Kb / 10P
   Radiation hard 16-Bit ParallelError Detection & Correction
logo
STMicroelectronics
T630-600W STMICROELECTRONICS-T630-600W Datasheet
63Kb / 5P
   6A SNUBBERLESTM TRIAC
T630-600W STMICROELECTRONICS-T630-600W Datasheet
85Kb / 8P
   6 A Snubberless??Triac
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
   6 A Snubberless??Triac
T630-600W STMICROELECTRONICS-T630-600W Datasheet
72Kb / 5P
   SNUBBERLESS TRIAC
September 2001 - Ed: 1A
More results

Similar Description - T6300415

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T6200220 POWEREX-T6200220 Datasheet
735Kb / 4P
   Phase Control SCR (200-300 Amperes 1600 Volts)
C180B POWEREX-C180B Datasheet
854Kb / 4P
   Phase Control SCR 150 Amperes Average 1600 Volts
logo
New Jersey Semi-Conduct...
T600 NJSEMI-T600 Datasheet
102Kb / 2P
   Phase Control SCR 150-175 Amperes 1600 Volts
T600 NJSEMI-T600_14 Datasheet
158Kb / 2P
   Phase Control SCR 150-175 Amperes 1600 Volts
logo
Powerex Power Semicondu...
TA200116 POWEREX-TA200116 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
T7600130 POWEREX-T7600130 Datasheet
160Kb / 4P
   Phase Control SCR (300 Amperes Avg 100-2000 Volts)
T60007 POWEREX-T60007 Datasheet
248Kb / 6P
   Phase Control SCR (125-175 Amperes Avg 100-1600 Volts)
T60013 POWEREX-T60013 Datasheet
732Kb / 4P
   Phase Control SCR (125-175 Amperes 1600 Volts)
TA201600A POWEREX-TA201600A_13 Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
C180A POWEREX-C180A Datasheet
220Kb / 4P
   Phase Control SCR 150 Amperes Avg 100-1300 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com