Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCQ0765RT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSCQ0765RT
Description  Green Mode Fairchild Power Switch (FPS??
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ0765RT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSCQ0765RT Datasheet HTML 1Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 2Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 3Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 4Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 5Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 6Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 7Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 8Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
www.fairchildsemi.com
FSCQ-Series Rev. 1.1.2
Typical Circuit
Figure 1. Typical Flyback Application
Table 1. Maximum Output Power
Notes:
1.
Maximum practical continuous power in an open frame design at 50
°C ambient.
2.
230 VAC or 100/115 VAC with doubler.
3.
The junction
temperature can limit the maximum output power.
Output Power Table3
Product
230 VAC
±15%2
85–265 VAC
Open Frame1
Open Frame1
FSCQ0565RT
70W
60W
FSCQ0765RT
100W
85W
FSCQ0965RT
130W
110W
FSCQ1265RT
170W
140W
FSCQ1465RT
190W
160W
FSCQ1565RT
210W
170W
FSCQ1565RP
250W
210W
VCC
GND
Drain
Sync
VO
PWM
VFB
AC
IN
FSCQ-Series


Similar Part No. - FSCQ0765RT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
1Mb / 44P
   Green Mode Fairchild Power Switch (FPS)
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0765RTYDTU FAIRCHILD-FSCQ0765RTYDTU Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results

Similar Description - FSCQ0765RT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com