Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9172AP1 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # MT9172AP1
Description  Digital Subscriber Interface Circuit Digital Network Interface Circuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9172AP1 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button MT9172AP1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9172AP1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9172AP1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9172AP1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9172AP1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9172AP1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9172AP1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9172AP1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9172AP1 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MT9171/72
Data Sheet
6
Zarlink Semiconductor Inc.
Figure 5 - DV Port - 80 kbit/s (Modes 0,4)
Figure 6 - DV Port - 160 kbit/s (Modes 0,4)
In DIGITAL NETWORK (DN) mode, upon entering the DNIC from the DV and CD ports, the B-channel data, D-
channel D0 (and D1 for 160 kbit/s), the HK bit of the C-channel (160 kbit/s only) and a SYNC bit are combined in a
serial format to be sent out on the line by the Transmit Interface (Figures 11, 12). The SYNC bit produces an
alternating 1-0 pattern each frame in order for the remote end to extract the frame alignment from the line. It is
possible for the remote end to lock on to a data bit pattern which simulates this alternating 1-0 pattern that is not the
true SYNC. To decrease the probability of this happening the DNIC may be programmed to put the data through a
prescrambler that scrambles the data according to a predetermined polynomial with respect to the SYNC bit. This
greatly decreases the probability that the SYNC pattern can be reproduced by any data on the line. In order for the
echo canceller to function correctly, a dedicated scrambler is used with a scrambling algorithm which is different for
the SLV and MAS modes. These algorithms are calculated in such a way as to provide orthogonality between the
near and far end data streams such that the correlation between the two signals is very low.
For any two DNICs on a link, one must be in SLV mode with the other in MAS mode. The scrambled data is
differentially encoded which serves to make the data on the line polarity-independent. It is then biphase encoded as
shown in Figure 10. See “Line Interface” section for more details on the encoding. Before leaving the DNIC the
differentially encoded biphase data is passed through a pulse-shaping bandpass transmit filter that filters out the
high and low frequency components and conditions the signal for transmission on the line.
Channel Time 0
D-Channel
Channel Time 1
C-Channel
Channel Time 2
B1-Channel
11.7
µsec
F0
C4
DSTo
DSTi
F0o
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
C0 C1 C2 C3 C4 C5 C6 C7 B7 B6 B5 B4 B3 B2 B1 B0
C0 C1 C2 C3 C4 C5 C6 C7 B7 B6 B5 B4 B3 B2 B1 B0
D0
D0
Channel Time 0
D-Channel
Channel Time 1
C-Channel
Channel Time 2
B1-Channel
15.6
µsec
F0
C4
DSTo
DSTi
F0o
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
C0 C1 C2 C3 C4 C5 C6 C7 B7 B6 B5 B4 B3 B2 B1 B0
C0 C1 C2 C3 C4 C5 C6 C7 B7 B6 B5 B4 B3 B2 B1 B0
D0
D0
Channel Time 3
B2-Channel
B7 B6 B5 B4 B3 B2 B1 B0
B7 B6 B5 B4 B3 B2 B1 B0


Similar Part No. - MT9172AP1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9172AP MITEL-MT9172AP Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9172AP ZARLINK-MT9172AP Datasheet
401Kb / 25P
   ISO2-CMOS ST-BUS FAMILY
More results

Similar Description - MT9172AP1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT8931B MITEL-MT8931B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
MT8930B MITEL-MT8930B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
logo
Zarlink Semiconductor I...
MT8931C ZARLINK-MT8931C Datasheet
833Kb / 39P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT9173 MITEL-MT9173 Datasheet
411Kb / 22P
   Digital Subscriber Interface Circuit with RxSB
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com