Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM6446 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System-on-Chip
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 3Page - Texas Instruments TMS320DM6446 Datasheet HTML 4Page - Texas Instruments TMS320DM6446 Datasheet HTML 5Page - Texas Instruments TMS320DM6446 Datasheet HTML 6Page - Texas Instruments TMS320DM6446 Datasheet HTML 7Page - Texas Instruments TMS320DM6446 Datasheet HTML 8Page - Texas Instruments TMS320DM6446 Datasheet HTML 9Page - Texas Instruments TMS320DM6446 Datasheet HTML 10Page - Texas Instruments TMS320DM6446 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 231 page
background image
www.ti.com
Revision History
TMS320DM6446
Digital Media System-on-Chip
SPRS283E – DECEMBER 2005 – REVISED MARCH 2007
This data manual revision history highlights the technical changes made to the SPRS283D device-specific
data manual to make it an SPRS283E revision.
Scope: Applicable updates to the DM64x device family, specifically relating to the TMS320DM6446
device, have been incorporated.
TMS320DM6446 Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Changed instances of MMC/SD to MMC/SD/SDIO to indicate secure data I/O support
Section 1.1
Features:
Added Secure Data I/O (SDIO) under Flash Card Interfaces
Added Host Port Interface (HPI) with 16-Bit Multiplexed Address/Data
Section 1.2
Description:
Updated paragraph, The HPI, I2C, SPI, USB2.0, and VLYNQ ports allow DM6446 . . .
Section 1.3
Functional Block Diagram:
Added HPI and SDIO to Figure 1-1, TMS320DM6446 Functional Block Diagram
Table 2-1
Characteristics of the Processor:
Updated description for Peripherals Flash Cards
Added row for HPI Peripheral
Added row for C64x+ Megamodule Revision feature
Section 2.5
Memory Map Summary:
Added HPI column to Table 2-3, Memory Map Summary
Deleted AET Registers from address 0x01BC 0000 and replaced with Reserved in Table 2-4,
Configuration Memory Map Summary
Added HPI to address 0x01C6 7800 in Table 2-4, Configuration Memory Map Summary
Section 2.6.1
Pin Map (Bottom View):
Updated Figure 2-5, Pin Map [Quadrant D]
Section 2.7
Terminal Functions:
Added HPI Signal Names and Descriptions for multiplexed pins in Table 2-9, EMIFA Terminal Functions
Updated Descriptions in Table 2-6, Oscillator/PLL Terminal Functions
Updated Descriptions in Table 2-17, USB Terminal Functions
Updated Descriptions in Table 2-21, DAC [Part of VPBE] Terminal Functions
Changed title of Table 2-25 to MMC/SD/SDIO Terminal Functions
Added Table 2-26, HPI Terminal Functions
Section 3.1
System Module Registers:
Changed address 0x01C4 0028 to JTAGID register
Added HPI_CTL register and description to address 0x01C4 0030 in Table 3-1, System Module Register
Memory Map
Section 3.3.1.1
BOOTCFG Register Description:
Changed bit field BTSEL description for value 10 in Table 3-4, BOOTCFG Register Description
Section 3.3.2
ARM Boot:
Updated paragraphs
Updated Table 3-6, ARM Boot Modes
Section 3.3.3
DSP Boot:
Added row for HPI to Table 3-7, DSP Boot Modes
Section 3.4.1
Device Configuration at Device Reset:
Changed description for value 10 in Table 3-8, Device Configurations (Input Pins Sampled at Reset)
Section 3.5.1
Switched Central Resource (SCR) Bus Priorities:
Added row for HPI in Table 3-12, DM6446 Default Bus Master Priorities
Section 3.5.2
Multiplexed Pin Configurations:
Added HPI pin information to Table 3-13, DM6446 Multiplexed Peripheral Pins and Multiplexing Controls
Section 3.5.4
PINMUX0 Register Description:
Added HPIEN to bit field 29 in Figure 3-7, PINMUX0 Register
Added HPIEN description to Table 3-14, PINMUX0 Register Description
Section 3.5.6
Pin Multiplexing Register Field Details:
Added new Section 3.5.6.10, HPI and EMIFA/ATA Pin Multiplexing
Section 3.6
Emulation Control:
Added HPISRC to bit field 12 in Figure 3-9, Emulation Suspend Source Register (SUSPSRC)
Added bit field HPISRC description to Table 3-34, SUSPSRC Register Description
Submit Documentation Feedback
Revision History
7


Similar Part No. - TMS320DM6446

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6446 TI-TMS320DM6446 Datasheet
1Mb / 214P
[Old version datasheet]   Digital Media System on-Chip
TMS320DM6446 TI-TMS320DM6446 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI1-TMS320DM6446 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI1-TMS320DM6446 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446AZWT TI-TMS320DM6446AZWT Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6446

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com