Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCE161284VRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74LVCE161284VRE4
Description  19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCE161284VRE4 Datasheet(HTML) 2 Page - Texas Instruments

  74LVCE161284VRE4 Datasheet HTML 1Page - Texas Instruments 74LVCE161284VRE4 Datasheet HTML 2Page - Texas Instruments 74LVCE161284VRE4 Datasheet HTML 3Page - Texas Instruments 74LVCE161284VRE4 Datasheet HTML 4Page - Texas Instruments 74LVCE161284VRE4 Datasheet HTML 5Page - Texas Instruments 74LVCE161284VRE4 Datasheet HTML 6Page - Texas Instruments 74LVCE161284VRE4 Datasheet HTML 7Page - Texas Instruments 74LVCE161284VRE4 Datasheet HTML 8Page - Texas Instruments 74LVCE161284VRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
SN74LVCE161284
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES541 – JANUARY 2004 – REVISED MARCH 2005
The output drive mode is determined by the high-drive (HD) control pin. When HD is high, the outputs are in a
totem-pole configuration, and in an open-drain configuration when HD is low. This meets the drive requirements
as specified in the IEEE Std 1284-I (level-1 type) and IEEE Std 1284-II (level-2 type) parallel peripheral-interface
specifications. Except for HOST LOGIC IN and peripheral logic out (PERI LOGIC OUT), all cable-side pins have
a 1.4-k
Ω integrated pullup resistor. The pullup resistor is switched off if the associated output driver is in the low
state or if the output voltage is above VCC CABLE. If VCC CABLE is off, PERI LOGIC OUT is set to low.
The device has two supply voltages. VCC is designed for 3-V to 3.6-V operation. VCC CABLE supplies the inputs
and output buffers of the cable side only and is designed for 3-V to 3.6-V and for 4.7-V to 5.5-V operation. Even
when VCC CABLE is 3 V to 3.6 V, the cable-side I/O pins are 5-V tolerant.
The Y outputs (Y9–Y13) stay in the high state after power on until an associated input (A9–A13) goes high.
When an associated input goes high, all Y outputs are activated, and noninverting signals of the associated
inputs are driven through Y outputs. This special feature prevents printer-system errors caused by deasserting
the BUSY signal in the cable at power on.
FUNCTION TABLE
INPUTS
OUTPUT
MODE
DIR
HD
Open drain
A9–A13 to Y9–Y13 and PERI LOGIC IN to PERI LOGIC OUT
L
L
Totem pole
B1–B8 to A1–A8 and C14–C17 to A14–A17
L
H
Totem pole
B1–B8 to A1–A8, A9–A13 to Y9–Y13, PERI LOGIC IN to PERI LOGIC OUT, and C14–C17 to A14–A17
Open drain
A1–A8 to B1–B8, A9–A13 to Y9–Y13, and PERI LOGIC IN to PERI LOGIC OUT
H
L
Totem pole
C14–C17 to A14–A17
H
H
Totem pole
A1–A8 to B1–B8, A9–A13 to Y9–Y13, C14–C17 to A14–A17, and PERI LOGIC IN to PERI LOGIC OUT
2


Similar Part No. - 74LVCE161284VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCE161284VRE4 TI-74LVCE161284VRE4 Datasheet
365Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
More results

Similar Description - 74LVCE161284VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A_05 Datasheet
140Kb / 11P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284_08 Datasheet
365Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_08 Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com