Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8841OEHA Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8841OEHA
Description  600mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8841OEHA Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8841OEHA Datasheet HTML 1Page - Analog Microelectronics AME8841OEHA Datasheet HTML 2Page - Analog Microelectronics AME8841OEHA Datasheet HTML 3Page - Analog Microelectronics AME8841OEHA Datasheet HTML 4Page - Analog Microelectronics AME8841OEHA Datasheet HTML 5Page - Analog Microelectronics AME8841OEHA Datasheet HTML 6Page - Analog Microelectronics AME8841OEHA Datasheet HTML 7Page - Analog Microelectronics AME8841OEHA Datasheet HTML 8Page - Analog Microelectronics AME8841OEHA Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AME, Inc.
2
600mA CMOS LDO
AME8841
A: 3.3V
1: 1.3V
E: -40
OC to 85OC
H: SO-8
A: 8
Z: Lead Free
B: 3.0V
2: 2.0V
C: 2.8V
3: 4.2V
D: 2.5V
4: 4.0V
E: 3.8V
F: 3.6V
G: 3.5V
H: 2.7V
I: 3.4V
J: 2.85V
K: 3.7V
L: 1.5V
M: 1.8V
N: 2.9V
O: 3.1V
P: 4.1V
Q: 4.75V
R: 2.65V
S: 5.0V
U: 3.2V
V: 3.15V
W: 2.3V
Y: 1.9V
Z: 1.7V
Special Feature
Product Grade
or Option
Operating Ambient
Temperature Range
Package Type
Number
of
Pins
n Pin Configuration
AME8841
1. OUT
2. IN
3. GND
4. OUT
5. NC
6. NC
7. EN
8. NC
* Die Attach:
Non-Conductive Epoxy
SO-8
Top View
1
3
2
4
AME8841
5
6
7
8
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Product Grade or Option
Special Feature
AME8841 x x x x x


Similar Part No. - AME8841OEHA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8841OEHA AME-AME8841OEHA Datasheet
79Kb / 10P
   600mA CMOS LDO
AME8841OEHAZ AME-AME8841OEHAZ Datasheet
201Kb / 14P
   600mA CMOS LDO
More results

Similar Description - AME8841OEHA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com