Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-57YYD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # L-57YYD
Description  T-1 3/4(5mm) BI-POLAR AND BI-COLOR INDICATOR LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-57YYD Datasheet(HTML) 1 Page - Kingbright Corporation

  L-57YYD Datasheet HTML 1Page - Kingbright Corporation L-57YYD Datasheet HTML 2Page - Kingbright Corporation L-57YYD Datasheet HTML 3Page - Kingbright Corporation L-57YYD Datasheet HTML 4Page - Kingbright Corporation L-57YYD Datasheet HTML 5Page - Kingbright Corporation L-57YYD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: KDA0319
REV NO: V.1
DATE: SEP/18/2001
PAGE: 1 OF 6
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
T-1 3/4(5mm) BI-POLAR AND BI-COLOR
INDICATOR LAMPS
L-57 SERIES
Package Dimensions
Description
The High Efficiency Red source color devices are made
with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Features
!
LOW POWER CONSUMPTION
.
!
HIGH EFFICIENCY RED, GREEN , YELLOW AND
SUPER BRIGHT RED ARE AVAILABLE.
!
I.C. COMPATIBLE.
!
LONG LIFE - SOLID STATE RELIABILITY.


Similar Part No. - L-57YYD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-573 ETC-L-573 Datasheet
99Kb / 1P
   5.0mm Dia CYLINDRICAL LED LAMP
L-573ED ETC-L-573ED Datasheet
99Kb / 1P
   5.0mm Dia CYLINDRICAL LED LAMP
L-573GD ETC-L-573GD Datasheet
99Kb / 1P
   5.0mm Dia CYLINDRICAL LED LAMP
L-573HD ETC-L-573HD Datasheet
99Kb / 1P
   5.0mm Dia CYLINDRICAL LED LAMP
L-573SRD ETC-L-573SRD Datasheet
99Kb / 1P
   5.0mm Dia CYLINDRICAL LED LAMP
More results

Similar Description - L-57YYD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L59 KINGBRIGHT-L59 Datasheet
182Kb / 6P
   T-1 3/3(5MM) BI-POLAR AND BI-COLOR INDICATOR LAMPS
logo
Chicago Miniature Lamp,...
CMD5491A CML-CMD5491A Datasheet
64Kb / 1P
   T-1 3/4 Bi-Color/Bi-Polar LED Lamps
logo
List of Unclassifed Man...
L819 ETC-L819 Datasheet
181Kb / 6P
   10MM BI-POLAR AND BI COLOR INDICATOR LAMPS
logo
Kingbright Corporation
W5A9EGW123SF KINGBRIGHT-W5A9EGW123SF Datasheet
88Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
L-59EGW KINGBRIGHT-L-59EGW Datasheet
59Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LUGR59M SUNLED-LUGR59M Datasheet
226Kb / 5P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
LUGY59M SUNLED-LUGY59M Datasheet
228Kb / 5P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP57EGW KINGBRIGHT-WP57EGW Datasheet
454Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP57GYW KINGBRIGHT-WP57GYW Datasheet
455Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59EGW KINGBRIGHT-WP59EGW Datasheet
462Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com