Electronic Components Datasheet Search |
|
TC4017BP Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TC4017BP Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TC4017BP/BF 2007-10-01 3 Absolute Maximum Ratings (Note) Characteristics Symbol Rating Unit DC supply voltage VDD VSS − 0.5~VSS + 20 V Input voltage VIN VSS − 0.5~VDD + 0.5 V Output voltage VOUT VSS − 0.5~VDD + 0.5 V DC input current IIN ±10 mA Power dissipation PD 300 (DIP)/180 (SOIC) mW Operating ambient temperature range Topr −40~85 °C Storage temperature range Tstg −65~150 °C Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Operating Ranges (VSS = 0 V) (Note) Characteristics Symbol Test Condition Min Typ. Max Unit DC supply voltage VDD ⎯ 3 ⎯ 18 V Input voltage VIN ⎯ 0 ⎯ VDD V Note: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VDD or VSS. |
Similar Part No. - TC4017BP_07 |
|
Similar Description - TC4017BP_07 |