Electronic Components Datasheet Search |
|
GB082ANYBAMLB-V01 Datasheet(PDF) 4 Page - Jewel Hill Electronic |
|
GB082ANYBAMLB-V01 Datasheet(HTML) 4 Page - Jewel Hill Electronic |
4 / 23 page GB082A VER: 3.0 - 3 - Issue date: 2006/07/27 JEWEL HILL ELECTRONIC CO.,LTD. 1. GENERAL DESCRIPTION The GB082A is a 8C x 2L Character LCD module. It has a STN panel composed of 40 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface. 2. FEATURES Transflective and positive Display Mode STN(Yellow - Green) module Display Format Character 8C x 2L Input Data 8/4-bit parallel data input from MPU Multiplexing Ratio 1/16 Duty Bias 1/5 Bias Viewing Direction 6 O’clock Backlight None 3. MECHANICAL SPECIFICATION Item Specifications Unit Dimensional outline 40.0 x 35.4 x 7.5(max) mm Resolution 40segs x 16coms dots Active area 26.4(W) x 9.9(H) mm Char. pitch 3.35(W) x 5.15(H) mm Char. size 2.95(W) x 4.75(H) mm Dots pitch 0.6 (W)×0.6(H) mm Dots size 0. 55(W)×0.55(H) mm |
Similar Part No. - GB082ANYBAMLB-V01 |
|
Similar Description - GB082ANYBAMLB-V01 |