Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC75S59AFE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC75S59AFE
Description  Single Comparator竊늀pen-Drain Output竊
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S59AFE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC75S59AFE Datasheet HTML 1Page - Toshiba Semiconductor TC75S59AFE Datasheet HTML 2Page - Toshiba Semiconductor TC75S59AFE Datasheet HTML 3Page - Toshiba Semiconductor TC75S59AFE Datasheet HTML 4Page - Toshiba Semiconductor TC75S59AFE Datasheet HTML 5Page - Toshiba Semiconductor TC75S59AFE Datasheet HTML 6Page - Toshiba Semiconductor TC75S59AFE Datasheet HTML 7Page - Toshiba Semiconductor TC75S59AFE Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC75S59AFE/AFC
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD, VSS
±3.5 or 7
V
Differential Input Voltage
DVIN
±7
V
Input Voltage
VIN
VSS~VDD
V
Output Current
IO
±35
mA
Output Voltage
VO
VSS ~ VSS + 7
V
TC75S59AFE
100
Power Dissipation
PD
TC75S59AFC
100 (Note 1)
mW
Operating Temperature
Topr
−40~85
°C
Strage Temperature
Tstg
−55~125
°C
Note: Due to the CMOS structure, this device may be susceptible to latch-up. To prevent latch-up, please take the
following precautions;
Ensure that no I/O pin’s voltage level ever exceeds Vdd or drops below Vss. In addition, check the
power-on timing.
Do not subject the device to excessive noise.
(Note 1) : FR4 in board implementation
25.4mm × 25.4mm × 1.6t, Cu Pad: 0.4mm
2


Similar Part No. - TC75S59AFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S59 TOSHIBA-TC75S59 Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
List of Unclassifed Man...
TC75S59 ETC-TC75S59 Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
Toshiba Semiconductor
TC75S59F TOSHIBA-TC75S59F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
List of Unclassifed Man...
TC75S59F ETC-TC75S59F Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
Toshiba Semiconductor
TC75S59F TOSHIBA-TC75S59F Datasheet
198Kb / 9P
   Single Comparator
More results

Similar Description - TC75S59AFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S58AFE TOSHIBA-TC75S58AFE_07 Datasheet
218Kb / 8P
   Single Comparator竊늀pen-Drain Output竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PBMB50B12 NI-PBMB50B12_15 Datasheet
202Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com