Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PC40UD Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4PC40UD
Description  Fit Rate / Equivalent Device Hours
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC40UD Datasheet(HTML) 7 Page - International Rectifier

Back Button IRG4PC40UD Datasheet HTML 3Page - International Rectifier IRG4PC40UD Datasheet HTML 4Page - International Rectifier IRG4PC40UD Datasheet HTML 5Page - International Rectifier IRG4PC40UD Datasheet HTML 6Page - International Rectifier IRG4PC40UD Datasheet HTML 7Page - International Rectifier IRG4PC40UD Datasheet HTML 8Page - International Rectifier IRG4PC40UD Datasheet HTML 9Page - International Rectifier IRG4PC40UD Datasheet HTML 10Page - International Rectifier IRG4PC40UD Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
The IGBT Structure
IR
G
4
B
C
4
0
S
D
Diode
International Rectifier
Speed Designator
IGBT
S Standard
Generation
Modifier
F Fast
Voltage Designator
Die Size
M Short Cicuit Fast
Package Designator
C
600v E
800v
U UltraFast
B T0220
F
900v G 1000v
K Short Circuit UltraFast
P T0247
H
1200v
Basic IGBT Structure
The silicon cross-section of an Insulated Gate Bipolar Transistor (IGBT), the
terminal called Collector is, actually, the Emitter of the PNP. In spite of its
similarity to the cross-section of a power MOSFET, operating of the two
transistors is fundamentally different, the IGBT being a minority carrier device.
Except for the P + substrate is virtually identical to that of a power MOSFET,
both devices share a similar polysilicon gate structure and P wells with N +
source contacts. In both devices the N-type material under the P wells is sized
in thickness and reistivity to sustain the full voltage rating of the device.
However, in spite of the many similarities, he physical operation of the IGBT is
closer to that of a bipolar transistor than to that of a power MOSFET. This is
due to the P + substrate which is responsible for the minority carrier injection
into the N regtion and the resulting conductivity modulation, a significant share
of the conduction losses occur in the N region, typically 70% in a 500v device.
The part number itself contains in coded form the key features of the IGBT. An
explanation of the nomenclature in contained below.
IGBT / CoPack
Quarterly Reliability Report
Page 7 of 35


Similar Part No. - IRG4PC40UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC40UD IRF-IRG4PC40UD Datasheet
245Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE( Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40UD-EPBF IRF-IRG4PC40UD-EPBF Datasheet
3Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PC40UD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5432 STMICROELECTRONICS-STLC5432 Datasheet
391Kb / 46P
   2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
   Military Equivalent Screening
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
   Equivalent to JEDEC MSL3
logo
Texas Instruments
SE5534JGB TI-SE5534JGB Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
logo
First Silicon Co., Ltd
FMMT493 FS-FMMT493 Datasheet
606Kb / 3P
   Low equivalent on-resistance
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
   SJT or Equivalent, 12/3 Wire
logo
STANLEY ELECTRIC CO.,LT...
VCEW1151CCS-TR STANLEY-VCEW1151CCS-TR Datasheet
675Kb / 25P
   Equivalent to JEDEC Level 2a
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com