Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC368FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VHC368FT
Description  Hex Bus Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC368FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VHC368FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC368FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC368FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC368FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC368FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC368FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC368FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC368FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC368FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC74VHC367,368F/FN/FT/FK
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
Inputs
Outputs
G
A
Y (367)
Y (368)
L
L
L
H
L
H
H
L
H
X
Z
Z
X: Don’t care
Z: High impedance
VCC
12
6Y
5A
5Y
11
10
9
16
1
G
1
2
3
4
5
6
7
3A
3Y
GND
1A
4A
8
6A
15
4Y
2
G
2A
2Y
14
1Y
13
(top view)
TC74VHC367
VCC
12
Y
6
5A
Y
5
11
10
9
16
1
G
1
2
3
4
5
6
7
3A
Y
3
GND
1A
4A
8
6A
15
Y
4
2
G
2A
Y
2
14
Y
1
13
(top view)
TC74VHC368
(15)
(12)
(14)
6A
(11)
Y
6
(13)
EN
2
G
Y
5
5A
(1)
(2)
(6)
(4)
2A
4A
3A
(10)
(3)
(7)
Y
2
Y
4
(5)
(9)
Y
3
EN
Y
1
1A
TC74VHC368
1
G
(15)
(12)
(14)
6A
(11)
6Y
(13)
EN
5Y
5A
2
G
(1)
(2)
(6)
(4)
2A
4A
3A
(10)
(3)
(7)
2Y
4Y
(5)
(9)
3Y
EN
1Y
1A
TC74VHC367
1
G


Similar Part No. - TC74VHC368FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC368FT TOSHIBA-TC74VHC368FT Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74VHC368FT TOSHIBA-TC74VHC368FT_12 Datasheet
227Kb / 10P
   Hex Bus Buffer
More results

Similar Description - TC74VHC368FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
   HEX BUS BUFFER
TC7MH367FK TOSHIBA-TC7MH367FK_07 Datasheet
193Kb / 8P
   HEX Bus Buffer
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
   Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_V01 Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74HC365AP TOSHIBA-TC74HC365AP_07 Datasheet
251Kb / 7P
   Hex Bus Buffer
TC74HC367AP TOSHIBA-TC74HC367AP_07 Datasheet
296Kb / 9P
   Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_12 Datasheet
227Kb / 10P
   Hex Bus Buffer
TC74HC365AF TOSHIBA-TC74HC365AF Datasheet
255Kb / 6P
   HEX BUS BUFFER
logo
Fairchild Semiconductor
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com