Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC368FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC368FK
Description  Hex Bus Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC368FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC368FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC368FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC368FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC368FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC368FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC368FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC368FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC368FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC368FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC74VHC367,368F/FN/FT/FK
2007-10-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0 to
5.5
1.50
VCC ×
0.7
1.50
VCC ×
0.7
V
Low-level input
voltage
VIL
2.0
3.0 to
5.5
0.50
VCC ×
0.3
0.50
VCC ×
0.3
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.25
±2.50
μA
Input leakage
current
IIN
VIN = 5.5 V or GND
0
to 5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA


Similar Part No. - TC74VHC368FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC368FK TOSHIBA-TC74VHC368FK_12 Datasheet
227Kb / 10P
   Hex Bus Buffer
More results

Similar Description - TC74VHC368FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
   HEX BUS BUFFER
TC7MH367FK TOSHIBA-TC7MH367FK_07 Datasheet
193Kb / 8P
   HEX Bus Buffer
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
   Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_V01 Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74HC365AP TOSHIBA-TC74HC365AP_07 Datasheet
251Kb / 7P
   Hex Bus Buffer
TC74HC367AP TOSHIBA-TC74HC367AP_07 Datasheet
296Kb / 9P
   Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_12 Datasheet
227Kb / 10P
   Hex Bus Buffer
TC74HC365AF TOSHIBA-TC74HC365AF Datasheet
255Kb / 6P
   HEX BUS BUFFER
logo
Fairchild Semiconductor
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com