Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC373FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC373FK
Description  Octal D-Type Latch with 3-State Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC373FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC373FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC373FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC373FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC373FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC373FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC373FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC373FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC373FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC373FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VHC373F/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC373F,TC74VHC373FT,TC74VHC373FK
Octal D-Type Latch with 3-State Output
The TC74VHC373 is an advanced high speed CMOS OCTAL
LATCH with 3-STATE OUTPUT fabricated with silicon gate
C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This 8-bit D-type latch is controlled by a latch enable input
(LE) and an output enable input ( OE ).
When the OE input is high, the eight outputs are in a high
impedance state.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 5.0 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.9 V (max)
• Pin and function compatible with 74ALS373
Weight
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
TC74VHC373F
TC74VHC373FT
TC74VHC373FK


Similar Part No. - TC74VHC373FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC373FK TOSHIBA-TC74VHC373FK_10 Datasheet
209Kb / 10P
   Octal D-Type Latch with 3-State Output
More results

Similar Description - TC74VHC373FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com