Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC393F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC393F
Description  CMOS Digital Integrated Circuit Silicon Monolithic
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC393F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC393F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC393F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC393F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC393F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC393F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC393F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC393F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC393F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC393F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VHC393F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC393F,TC74VHC393FN,TC74VHC393FT
Dual Binary Counter
The TC74VHC393 is an advanced high speed CMOS 4-BIT
BINARY COUNTER fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
It contains two independent counter circuits in one package, so
that counting or frequency division of eight binary bits can be
achieved with one IC.
This device changes state on the negative going transition of
the CLOCK pulse. The counter can be reset to “0” (QA to QD =
“L”) by a high at the CLEAR input regardless of other inputs.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 170 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS393
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHC393F
TC74VHC393FN
TC74VHC393FT
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74VHC393F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC393FK TOSHIBA-TC74VHC393FK Datasheet
282Kb / 9P
   Dual Binary Counter
2019-01-31
TC74VHC393FN TOSHIBA-TC74VHC393FN Datasheet
257Kb / 7P
   DUAL BINARY COUNTER
TC74VHC393FT TOSHIBA-TC74VHC393FT Datasheet
257Kb / 7P
   DUAL BINARY COUNTER
TC74VHC393F TOSHIBA-TC74VHC393F_V01 Datasheet
282Kb / 9P
   Dual Binary Counter
2019-01-31
More results

Similar Description - TC74VHC393F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com