Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC367F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC367F
Description  Hex Bus Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC367F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC367F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC367F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC367F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC367F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC367F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC367F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC367F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC367F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC367F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74VHC367,368F/FN/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC367F,TC74VHC367FN,TC74VHC367FT,TC74VHC367FK
TC74VHC368F,TC74VHC368FN,TC74VHC368FT,TC74VHC368FK
Hex Bus Buffer
TC74VHC367F/FN/FT Non-Inverted, 3-State
Outputs
TC74VHC368F/FN/FT Inverted, 3-State
Outputs
The TC74VHC367 and 368 are advanced high speed CMOS
HEX BUS BUFFERs fabricated with silicon gate C2MOS
technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
They contain six buffers; four buffers are controlled by an
enable input ( 1
G ), and the other two buffers are controlled by
another enable input ( 2
G ). The outputs of each buffer group are
enabled when
1
G
and/or
2
G
inputs are held low; if held high,
these outputs are in a high impedance state.
The TC74VHC367 is a non-inverting output type, while the
TC74VHC368 is an inverting output type.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 3.8 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 V to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS367/368
Weight
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)
VSSOP16-P-0030-0.50
: 0.02 g (typ.)
Note: The JEDEC SOP (FN) is not available in
Japan.
TC74VHC367F, TC74VHC368F
TC74VHC367FN, TC74VHC368FN
TC74VHC367FT, TC74VHC368FT
TC74VHC367FK, TC74VHC368FK


Similar Part No. - TC74VHC367F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC367FK TOSHIBA-TC74VHC367FK_12 Datasheet
227Kb / 10P
   Hex Bus Buffer
TC74VHC367FN TOSHIBA-TC74VHC367FN Datasheet
248Kb / 7P
   HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
TC74VHC367FN TOSHIBA-TC74VHC367FN Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74VHC367FS TOSHIBA-TC74VHC367FS Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74VHC367FT TOSHIBA-TC74VHC367FT Datasheet
248Kb / 7P
   HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
More results

Similar Description - TC74VHC367F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
   HEX BUS BUFFER
TC7MH367FK TOSHIBA-TC7MH367FK_07 Datasheet
193Kb / 8P
   HEX Bus Buffer
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
   Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_V01 Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74HC365AP TOSHIBA-TC74HC365AP_07 Datasheet
251Kb / 7P
   Hex Bus Buffer
TC74HC367AP TOSHIBA-TC74HC367AP_07 Datasheet
296Kb / 9P
   Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_12 Datasheet
227Kb / 10P
   Hex Bus Buffer
TC74HC365AF TOSHIBA-TC74HC365AF Datasheet
255Kb / 6P
   HEX BUS BUFFER
logo
Fairchild Semiconductor
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com