Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC240F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHC240F
Description  Octal Bus Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC240F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC240F Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC240F Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC240F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC240F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC240F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC240F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC240F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC240F Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC240F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC240,244F/FT/FK
2007-10-01
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.3
7.5
1.0
9.0
3.3
± 0.3
50
7.8
11.0
1.0
12.5
15
3.6
5.5
1.0
6.5
Propagation delay
time
(TC74VHC240)
tpLH
tpHL
5.0
± 0.5
50
5.1
7.5
1.0
8.5
ns
15
5.8
8.4
1.0
10.0
3.3
± 0.3
50
8.3
11.9
1.0
13.5
15
3.9
5.5
1.0
6.5
Propagation delay
time
(TC74VHC244)
tpLH
tpHL
5.0
± 0.5
50
5.4
7.5
1.0
8.5
ns
15
6.6
10.6
1.0
12.5
3.3
± 0.3
50
9.1
14.1
1.0
16.0
15
4.7
7.3
1.0
8.5
3-state output enable
time
tpZL
tpZH
RL = 1 kΩ
5.0
± 0.5
50
6.2
9.3
1.0
10.5
ns
3.3
± 0.3
50
10.3
14.0
1.0
16.0
3-state output disable
time
tpLZ
tpHZ
RL = 1 kΩ
5.0
± 0.5
50
6.7
9.2
1.0
10.5
ns
3.3
± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
6
pF
TC74VHC240
17
Power dissipation
capacitance (Note 2)
CPD
TC74VHC244
19
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/8 (per bit)
Noise Characteristics (input: tr = tf = 3 ns) (Note)
Test Condition
Ta
= 25°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.5
(0.6)
0.8
(0.9)
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.5
(
−0.6)
−0.8
(
−0.9)
V
Minimum high level dynamic input
voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input
voltage
VILD
CL = 50 pF
5.0
1.5
V
Note:
The value in ( ) only applies to JEDEC SOP (FW) devices.


Similar Part No. - TC74VHC240F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
210Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
210Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC240FK TOSHIBA-TC74VHC240FK Datasheet
210Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC240FK TOSHIBA-TC74VHC240FK Datasheet
210Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC74VHC240F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com